전자부품 데이터시트 검색엔진 |
|
MV34509.MP8A 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
MV34509.MP8A 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 7 page PACKAGE DIMENSIONS 12/11/02 Page 4 of 7 © 2002 Fairchild Semiconductor Corporation PCB MOUNT LED INDICATORS Specific Notes: For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration. Options — To obtain units in multiples of two add a "-2" suffix to the part number (i.e. MV64539.MP8-2). To obtain units in multiples of three add a "-3" suffix. General Notes: 1. All dimensions are in inches (mm). 2. Tolerance is ±0.15 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterisk (*), which denotes colored clear lens. 5. A double asterisk (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN bicolor LED. 6. Custom color combinations are available. T-1 3/4 (5mm) multiple Part Number Color View Angle (°) VF mcd @ mA DIM A PKG. FIG. in. (mm) MV60538.MP8 MV63538.MP8 MV64538.MP8 MV67538.MP8 RED YLW GRN H-E RED 65 65 65 65 1.7 2.1 2.2 2.1 2.0 18.0 26.0 14.0 20 20 20 20 .140 .140 .140 .140 (3.56) (3.56) (3.56) (3.56) 8 8 8 8 MV60539.MP8 MV63539.MP8 MV64539.MP8 MV67539.MP8 RED YLW GRN H-E RED 65 65 65 65 1.7 2.1 2.2 2.1 3.2 20.0 28.0 15.0 20 20 20 20 .195 .195 .195 .195 (4.95) (4.95) (4.95) (4.95) 8 8 8 8 LOW CURRENT (2mA) HLMP-47009.MP8 HLMP-47199.MP8 HLMP-47409.MP8 H-E RED YLW GRN 45 45 45 1.8 1.9 1.9 2.0 2.0 3.0 2 2 2 .195 .195 .195 (4.95) (4.95) (4.95) 8 8 8 ULTRA BRIGHT MV33509.MP8 MV34509.MP8 MV37509.MP8 YLW* GRN* H-E RED* 24 24 24 2.2 2.2 2.2 150.0 150.0 150.0 20 20 20 .195 .195 .195 (4.95) (4.95) (4.95) 8 8 8 BICOLOR** MV54919.MP8 RED/GRN 100 2.3 6.0 20 .195 (4.95) 8 T-1 3/4 (5mm) multiple Part Number Color View Angle (°) VF mcd @ mA DIM A PKG. FIG. in. (mm) MV60538.MP8A MV63538.MP8A MV64538.MP8A MV67538.MP8A RED YLW GRN H-E RED 65 65 65 65 1.7 2.1 2.2 2.1 2.0 18.0 26.0 14.0 20 20 20 20 .140 .140 .140 .140 (3.56) (3.56) (3.56) (3.56) 8A 8A 8A 8A MV60539.MP8A MV63539.MP8A MV64539.MP8A MV67539.MP8A RED YLW GRN H-E RED 65 65 65 65 1.7 2.1 2.2 2.1 3.2 20.0 28.0 15.0 20 20 20 20 .195 .195 .195 .195 (4.95) (4.95) (4.95) (4.95) 8A 8A 8A 8A LOW CURRENT (2mA) HLMP-47009.MP8A HLMP-47199.MP8A HLMP-47409.MP8A H-E RED YLW GRN 45 45 45 1.8 1.9 1.9 2.0 2.0 3.0 2 2 2 .195 .195 .195 (4.95) (4.95) (4.95) 8A 8A 8A ULTRA BRIGHT MV33509.MP8A MV34509.MP8A MV37509.MP8A YLW* GRN* H-E RED* 24 24 24 2.2 2.2 2.2 150.0 150.0 150.0 20 20 20 .195 .195 .195 (4.95) (4.95) (4.95) 8A 8A 8A BICOLOR** MV54919.MP8A RED/GRN 100 2.3 6.0 20 .195 (4.95) 8A 1.01 (25.65) .190 (4.83) .145 (3.68) DIM A .250 TYP (6.35) .250 TYP (6.35) .250 (6.35) .100 (2.54) .020 TYP (.51) CATHODE** .100 TYP (2.54) 0.15 TYP .145 MIN (3.68) .250 TYP (6.35) .250 (6.35) .250 (6.35) .250 (6.35) 1.01 (25.65) .195 (4.95) DIM A .190 (4.83) .020 TYP (.51) CATHODE** .100 TYP (2.54) Fig. - 8 Fig. - 8A Specific Notes: For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration. Options — To obtain units in multiples of two add a "-2" suffix to the part number (i.e. MV64539.MP8-2). To obtain units in multiples of three add a "-3" suffix. |
유사한 부품 번호 - MV34509.MP8A |
|
유사한 설명 - MV34509.MP8A |