전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFCL500A3 데이터시트(PDF) 1 Page - Littelfuse

부품명 LFCL500A3
상세설명  Cable Limiters - 600 Volts AC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFCL500A3 데이터시트(HTML) 1 Page - Littelfuse

  LFCL500A3 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
106
SPECIFICATIONS
Voltage Rating: 600 volts AC
Interrupting Rating: 200,000 Amperes
Cable Size Range: 4/0 – 750MCM Copper or Aluminum
Minimum Operating Temperature: 80°C
Cable limiters are fusible devices that provide very fast
short-circuit protection, primarily to faulted cables, but also
to other conductors such as busway. Cable limiters do not
have an ampere rating, and cannot be used to provide over-
load protection. Cable limiters are selected by cable size;
for example, a 500 kcmil cable requires a 500 kcmil cable
limiter. Their main use is to isolate faulted cables in circuits
containing three or more parallel conductors per phase.
They may be installed on the line side of the main service
to provide short-circuit protection to the service conductors.
This is especially important when service conductors are
tapped from large low-voltage networks or from large low
impedance transformers.
Cable limiters have terminals which permit them to be
installed in a variety of equipment. The most common
configuration is the offset blade on one end and the crimp
terminal on the other end. This permits the limiter to replace
a cable terminal (lug).
APPLICATIONS
Service entrance conductors
Between transformer or network bus and busway
terminal boxes
Large feeders with three or more conductors per phase
FEATURES
I
Current-limiting characteristics provide protection to
conductor insulation and reduce damage when faults occur.
I
Properly applied cable limiters may permit the use of
equipment with reduced withstand ratings
I
Wide variety of terminations and cable ratings permit use
in almost every situation.
Cable Limiters
600 Volts AC
ORDERING INFORMATION
LFCL
1
-
C
-
500
-
DESCRIPTION
CATALOG NUMBER
Type Termination Cable Size
Cable Type
COPPER
ALUMINUM
4/0
LFCL4/0C1
LFCL4/0A1
250MCM
LFCL250C1 LFCL250A1
1
350MCM
LFCL350C1 LFCL350A1
Cable to
500MCM
LFCL500C1 LFCL500A1
Cable
750MCM
LFCL750C1 LFCL750A1
4/0
LFCL4/0C3
LFCL4/0A3
250MCM
LFCL250C3 LFCL250A3
3
350MCM
LFCL350C3 LFCL350A3
Cable to
500MCM
LFCL500C3 LFCL500A3
Offset Bus
750MCM
LFCL750C3 LFCL750A3
4/0
LFCL4/0C5
250MCM
LFCL250C5
5
Straight Bus
350MCM
LFCL350C5
to
500MCM
LFCL500C5
Offset Bus
750MCM
LFCL750C5
4/0
LFCL4/0C6
LFCL4/0A6
250MCM
LFCL250C6 LFCL250A6
6
350MCM
LFCL350C6 LFCL350A6
Mole to
500MCM
LFCL500C6 LFCL500A6
Cable
750MCM
LFCL750C6 LFCL750A6
4/0
LFCL4/0C8
250MCM
LFCL250C8
8
350MCM
LFCL350C8
Mole to
500MCM
LFCL500C8
Offset Bus
750MCM
LFCL750C8


유사한 부품 번호 - LFCL500A3

제조업체부품명데이터시트상세설명
logo
Littelfuse
LFCL500A3 LITTELFUSE-LFCL500A3 Datasheet
154Kb / 1P
   Cable Limiters
More results

유사한 설명 - LFCL500A3

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
Marathon Special Produc...
6CC30AXSQ MARATHON-6CC30AXSQ Datasheet
309Kb / 3P
   600 Volts AC
REV-D 02/19/2019
R6J60AXB MARATHON-R6J60AXB Datasheet
230Kb / 3P
   600 Volts AC
REV-E 05/05/2019
6CC30AXB MARATHON-6CC30AXB Datasheet
196Kb / 3P
   600 Volts AC
REV-E 01/08/2019
R6T60AXB MARATHON-R6T60AXB Datasheet
640Kb / 3P
   600 Volts AC
02/04/22
6CC30AXBCU MARATHON-6CC30AXBCU Datasheet
200Kb / 3P
   600 Volts AC
REV-D 02/19/2019
6J400AXBFBD MARATHON-6J400AXBFBD Datasheet
418Kb / 3P
   600 Volts AC
09/08/2022
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
logo
Marathon Special Produc...
1MS102 MARATHON-1MS102 Datasheet
169Kb / 3P
   600 Volts AC/DC
REV-D 3/3/2020
R6F60AXB MARATHON-R6F60AXB Datasheet
193Kb / 3P
   600 Volts AC/DC
REV-D 05/08/2019
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com