전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5272B-6 데이터시트(PDF) 5 Page - SamHop Microelectronics Corp.

부품명 SM5272B-6
상세설명  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272B-6 데이터시트(HTML) 5 Page - SamHop Microelectronics Corp.

  SM5272B-6 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272B-6 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Page 5
OCT. 26, 2001
Code Word
A group of Code Bits is called a code Word. A Code Word consists of 12 Address plus Data
bits followed by one Sync Bit. The 12 AD bits are interpreted as either address or data bits
depending on the SM5272B version used. Please refer to the diagrams below:
SM5272B
SM5272B-M2/L2
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 A11
SYNC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
D1
D0
SYNC
SM5272B-M4/L4
A0
A1
A2
A3
A4
A5
A6
A7
D3
D2
D1
D0
SYNC
SM5272B-M5/L5
A0
A1
A2
A3
A4
A5
A6
D4
D3
D2
D1
D0
SYNC
SM5272B-M6/L6
A0
A1
A2
A3
A4
A5
D5
D4
D3
D2
D1
D0
SYNC
One Complete Code Word
SM5272B-M3/L3
A0
A1
A2
A3
A4
A5
A6
A7
A8
D2
D1
D0
SYNC
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


유사한 부품 번호 - SM5272B-6

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

유사한 설명 - SM5272B-6

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com