전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q2008DH4 데이터시트(PDF) 7 Page - Littelfuse

부품명 Q2008DH4
상세설명  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q2008DH4 데이터시트(HTML) 7 Page - Littelfuse

Back Button Q2008DH4 Datasheet HTML 2Page - Littelfuse Q2008DH4 Datasheet HTML 3Page - Littelfuse Q2008DH4 Datasheet HTML 4Page - Littelfuse Q2008DH4 Datasheet HTML 5Page - Littelfuse Q2008DH4 Datasheet HTML 6Page - Littelfuse Q2008DH4 Datasheet HTML 7Page - Littelfuse Q2008DH4 Datasheet HTML 8Page - Littelfuse Q2008DH4 Datasheet HTML 9Page - Littelfuse Q2008DH4 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E4.1 Maximum Allowable Case Temperature versus
On-state Current (6 A to 12 A)
Figure E4.2 Maximum Allowable Case Temperature versus
On-state Current (8 A to 12 A)
Figure E4.3 Maximum Allowable Case Temperature versus
On-state Current (16 A)
Figure E4.4 Maximum Allowable Case Temperature versus
On-state Current (25 A to 40 A)
Figure E4.5 On-state Current versus On-state Voltage (Typical)
(6 A to 12 A)
Figure E4.6 On-state Current versus On-state Voltage (Typical)
(16 A to 40 A)
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-State Current [lT(RMS)] - AMPS
12A TO-220 (ISOLATED)
10A TO-220 (NON-ISOLATED)
and D2 PAK
6A TO-220 (ISOLATED)
6A TO-220
(NON-ISOLATED)
TO-263, TO-251
and TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
12 A TO-220 (Non-isolated)
and TO-263
10 A TO-220 (Isolated)
8 A TO-220 (Non-isolated),
TO-263, TO-251, and TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
8 A TO-220 (Isolated)
0
60
70
80
90
100
110
120
130
0
5
10
15
RMS On-state Current [IT(RMS)] – Amps
16A
TO-220
(Non-isolated)
and
TO-263
16A
TO-220
(Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
0
1020304050
50
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
35 A TO-220 (Non-isolated)
and TO-263
25 A and 30 A
TO-220 (Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
40 A TO-218
(Isolated)
25
25 A TO-220 (Non-isolated)
TO-218 (Isolated)
TO-263
0
2
6
8
10
12
14
16
18
20
0
0.6
0.8
1.0
1.2
1.4
1.6
Positive or Negative Instantaneous
On-state Voltage (v
T
) – Volts
TC = 25 ˚C
4
6 A to 12 A Devices
90
80
70
60
50
40
30
20
10
0
0
0.6
0.8
1.0
1.2
1.4
1.6
TC = 25˚C
1.8
Positive or Negative Instantaneous On-state Voltage (v
T
) – Volts
40 A Devices
16 A Devices
25 A to 35 A Devices


유사한 부품 번호 - Q2008DH4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
Q2008DH4 ETC2-Q2008DH4 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - Q2008DH4

제조업체부품명데이터시트상세설명
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com