전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

V18ZA05 데이터시트(Datasheet) 8 Page - Harris Corporation

부품명 V18ZA05
상세내용  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo 

 
 8 page
background image
4-41
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V82ZA05 - V750ZA05
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V8ZA1 - V12ZA1
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V18ZA1 - V68ZA2
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V82ZA2 - V180ZA1
FIGURE 20. SURGE CURRENT RATING CURVES FOR
V8ZA2 - V127ZA2
FIGURE 21. SURGE CURRENT RATING CURVES FOR
V18ZA2 - V68ZA3
Pulse Rating Curves (Continued)
50
20
10
5
2
1
0.5
0.2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 5mm
V82ZA05 - V750ZA05
500
200
100
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
200
100
50
20
10
5
2
1
0.5
0.2
MODEL SIZE 7mm
V8ZA1 - V12ZA1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
500
200
100
50
20
10
2
1
0.5
0.2
104
105
106
5
MODEL SIZE 7mm
V18ZA1 - V68ZA2
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
103
INDEFINITE
MODEL SIZE 7mm
V82ZA2 - V180ZA1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
500
200
100
50
20
10
2
1
0.5
0.2
104
105
106
5
MODEL SIZE 10mm
V8ZA2 - V12ZA2
1,000
500
100
50
20
10
5
1
2
200
20
1
2
105
106
104
INDEFINITE
MODEL SIZE 10mm
V18ZA2 - V68ZA3
100
1,000
10,000
IMPULSE DURATION (
µs)
102
103
ZA Series




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
V130LA1Line Voltage Operation Radial Lead 1 2 3 4 5 MoreLittelfuse
V8ZA05PVaristor Products - Low to Medum Voltage Radial Lead 1 2 3 4 5 MoreLittelfuse
LTC3832High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation 1 2 3 4 5 MoreLinear Technology
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
V130LA1PVaristor Products - Line Voltage Operation Radial Lead 1 2 3 4 5 MoreLittelfuse
BBY52Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
BBY53-02WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
MN3304512-Stage Ultra Low Voltage Operation BBD for Audio Signals 1 2 3 4 5 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl