전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4034BMS 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 CD4034BMS
상세설명  CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4034BMS 데이터시트(HTML) 5 Page - Intersil Corporation

  CD4034BMS Datasheet HTML 1Page - Intersil Corporation CD4034BMS Datasheet HTML 2Page - Intersil Corporation CD4034BMS Datasheet HTML 3Page - Intersil Corporation CD4034BMS Datasheet HTML 4Page - Intersil Corporation CD4034BMS Datasheet HTML 5Page - Intersil Corporation CD4034BMS Datasheet HTML 6Page - Intersil Corporation CD4034BMS Datasheet HTML 7Page - Intersil Corporation CD4034BMS Datasheet HTML 8Page - Intersil Corporation CD4034BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
7-841
Specifications CD4034BMS
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V,
VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V,
VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
Parallel In to Parallel Out
TPHL
TPLH
VDD = 10V
1, 2, 3
+25oC
-
240
ns
VDD = 15V
1, 2, 3
+25oC
-
170
ns
Propagation Delay
Serial to Parallel Out
TPHL
TPLH
VDD = 5V
1, 2, 3
+25oC
700
-
ns
VDD = 10V
1, 2, 3
+25oC
-
240
ns
VDD = 15V
1, 2, 3
+25oC
-
170
ns
Propagation Delay 3-State
AE to Out ‘A’
TPLZ
TPHZ
VDD = 10V
1, 2, 3, 4
+25oC
-
160
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
120
ns
Propagation Delay 3-State
AE to Out ‘A’
TPZL
TPZH
VDD = 10V
1, 2, 3, 4
+25oC
-
160
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
120
ns
Transition Time
TTLH
TTHL
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
5
-
MHz
VDD = 15V
1, 2, 3
+25oC
7
-
MHz
Minimum Data Setup
Time
Serial Data to Clock
TS
VDD = 5V
1, 2, 3
+25oC
-
160
ns
VDD = 10V
1, 2, 3
+25oC
-
60
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Minimum Data Setup
Time Parallel Data to
Clock
TS
VDD = 5V
1, 2, 3
+25oC
-
50
ns
VDD = 10V
1, 2, 3
+25oC
-
30
ns
VDD = 15V
1, 2, 3
+25oC
-
20
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
250
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
70
ns
Maximum Clock Rise and
Fall Time (Note 5)
TRCL
TFCL
VDD = 5V
1, 2, 3
+25oC-
15
µs
VDD = 10V
1, 2, 3
+25oC-
15
µs
VDD = 15V
1, 2, 3
+25oC-
15
µs
Minimum High Level
Pulse Width AE, P/S, A/S
TW
VDD = 5V
1, 2, 3
+25oC
-
350
ns
VDD = 10V
1, 2, 3
+25oC
-
140
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
5. If more than one unit is cascaded, tRCL should be made less than or equal to the sum of the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


유사한 부품 번호 - CD4034BMS

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
   8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Texas Instruments
CD4034BM TI-CD4034BM Datasheet
458Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034BM TI1-CD4034BM Datasheet
429Kb / 11P
[Old version datasheet]   CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
CD4034BME4 TI-CD4034BME4 Datasheet
458Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034BMG4 TI-CD4034BMG4 Datasheet
458Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Bidirectional Parallel/Serial
More results

유사한 설명 - CD4034BMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
[Old version datasheet]   CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
301Kb / 16P
   INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
logo
System Logic Semiconduc...
SL4034B SLS-SL4034B Datasheet
71Kb / 9P
   8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
   8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
Texas Instruments
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
[Old version datasheet]   CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
   8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
   8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
   8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Texas Instruments
CD4034BE TI-CD4034BE Datasheet
458Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Bidirectional Parallel/Serial
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
   8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com