전자부품 데이터시트 검색엔진 |
|
FM1020 데이터시트(PDF) 1 Page - Formosa MS |
|
FM1020 데이터시트(HTML) 1 Page - Formosa MS |
1 / 2 page FM1020 THRU FM1040 Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. Mechanical data Case : Molded plastic, JEDECDO-214AB Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting Position : Any Weight : 0.00585 ounce, 0.195 gram (V) (V) (V) (V) (oC) FM1020 SK102 20 14 20 FM1030 SK103 30 21 30 FM1040 SK104 40 28 40 SYMBOLS MARKING CODE -55 to +125 Operating temperature V RRM *1 V RMS *2 V R *3 V F *4 0.650 MAXIMUM RATINGS (AT TA=25 oC unless otherwise noted) PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT Forward rectified current See Fig.1 IO 10.0 A Forward surge current 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) IFSM 150 A VR = VRRM TA = 25oC 5.0 mA VR = VRRM TA = 100oC 50 mA Thermal resistance Junction to ambient RqJA 55 oC / w Diode junction capacitance f=1MHz and applied 4vDC reverse voltage CJ 700 pF Storage temperature TSTG -55 +150 oC Reverse current IR *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage Chip Schottky Barrier Diodes Silicon epitaxial planer type Formosa MS 0.276(7.0) 0.260(6.6) 0.012(0.3) Typ. 0.189(4.8) 0.173(4.4) 0.244(6.2) 0.228(5.8) 0.087(2.2) 0.071(1.8) 0.040 (1.0) Typ. 0.040(1.0) Typ. Dimensions in inches and (millimeters) SMC 0.152(3.8) 0.144(3.6) 0.032(0.8) Typ. |
유사한 부품 번호 - FM1020 |
|
유사한 설명 - FM1020 |