전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74VHCT374A 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC74VHCT374A
상세설명  Octal D-Type Flip-Flop with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT374A 데이터시트(HTML) 1 Page - ON Semiconductor

  MC74VHCT374A Datasheet HTML 1Page - ON Semiconductor MC74VHCT374A Datasheet HTML 2Page - ON Semiconductor MC74VHCT374A Datasheet HTML 3Page - ON Semiconductor MC74VHCT374A Datasheet HTML 4Page - ON Semiconductor MC74VHCT374A Datasheet HTML 5Page - ON Semiconductor MC74VHCT374A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
6/97
Octal D-Type Flip-Flop
with 3-State Output
The MC74VHCT374A is an advanced high speed CMOS octal flip–flop
with 3–state output fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
This 8–bit D–type flip–flop is controlled by a clock input and an output
enable input. When the output enable input is high, the eight outputs are in a
high impedance state.
The internal circuit is composed of three stages, including a buffer output
which provides high noise immunity and stable output.
The VHCT inputs are compatible with TTL levels. This device can be used
as a level converter for interfacing 3.3V to 5.0V, because it has full 5V CMOS
level output swings.
The VHCT374A input and output (when disabled) structures provide
protection when voltages between 0V and 5.5V are applied, regardless of
the supply voltage. These input and output structures help prevent device
destruction caused by supply voltage – input/output voltage mismatch,
battery backup, hot insertion, etc.
• High Speed: fmax = 140MHz (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 4.5V to 5.5V Operating Range
• Low Noise: VOLP = 1.6V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 276 FETs or 69 Equivalent Gates
LOGIC DIAGRAM
DATA
INPUTS
D0
D1
D2
D3
D4
D5
D6
D7
18
17
14
13
8
7
4
3
1
OE
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
NONINVERTING
OUTPUTS
11
CP
OE
CP
Q
L
L
L
H
L, H,
X
H
L
No Change
Z
INPUTS
OUTPUT
FUNCTION TABLE
D
H
L
X
X
MC74VHCT374A
DW SUFFIX
20–LEAD SOIC PACKAGE
CASE 751D–04
ORDERING INFORMATION
MC74VHCTXXXADW
MC74VHCTXXXADT
MC74VHCTXXXAM
SOIC
TSSOP
SOIC EIAJ
DT SUFFIX
20–LEAD TSSOP PACKAGE
CASE 948E–02
PIN ASSIGNMENT
Q2
D1
D0
Q0
OE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
CP
Q4
D4
D5
Q5
M SUFFIX
20–LEAD SOIC EIAJ PACKAGE
CASE 967–01


유사한 부품 번호 - MC74VHCT374A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
MC74VHCT374ADTR2 ONSEMI-MC74VHCT374ADTR2 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374ADTRG ONSEMI-MC74VHCT374ADTRG Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374ADTRG ONSEMI-MC74VHCT374ADTRG Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results

유사한 설명 - MC74VHCT374A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com