전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCP8402 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPCP8402
상세설명  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8402 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPCP8402 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPCP8402
2003-09-26
4
N-ch
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown
voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 4.5 V, ID = 2.1 A
58
77
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.1 A
38
50
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.1 A
3.5
7.0
S
Input capacitance
Ciss
470
Reverse transfer capacitance
Crss
60
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
80
pF
Rise time
tr
5.2
Turn-on time
ton
8.3
Fall time
tf
4.0
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
22
ns
Total gate charge
(gate-source plus gate-drain)
Qg
10
Gate−source charge 1
Qgs1
1.7
Gate−drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 6 A
2.4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
16.8
A
Forward voltage (diode)
VDSF
IDR = 4.2 A, VGS = 0 V
−1.2
V
VDD ∼− 15 V
0 V
VGS
10 V
ID = 2.1 A
VOUT


유사한 부품 번호 - TPCP8402

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results

유사한 설명 - TPCP8402

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com