전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF800-90-4I-BK 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc

부품명 SST39VF800-90-4I-BK
상세설명  8 Megabit (512K x 16-Bit) Multi-Purpose Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF800-90-4I-BK 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF800-90-4I-BK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF800-90-4I-BK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
© 1999 Silicon Storage Technology, Inc.
343-04 2/99
8 Megabit Multi-Purpose Flash
SST39VF800Q / SST39VF800
Advance Information
FIGURE 1: PIN ASSIGNMENTS FOR 48-PIN TSOP PACKAGES
FUNCTIONAL BLOCK DIAGRAM
FIGURE 2: PIN ASSIGNMENTS FOR 48-BALL TFBGA
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
NC
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
VDDQ
VSS
DQ15
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VDD
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
343 ILL1.0
Standard Pinout
Top View
Die Up
SST39VF800Q
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
NC
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
NC
VSS
DQ15
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VDD
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
343 ILL1a.0
Standard Pinout
Top View
Die Up
SST39VF800
343 ILL2.3
A
B
C
D
E
F
1
2
3
4
5
6
7
8
TOP
VIEW
A3
A7
NC
WE#
A9
A13
A4
A17
NC
NC
A8
A12
A2
A6
A18
NC
A10
A14
A1
A5
NC
NC
A11
A15
A0
DQ0
DQ2
DQ5
DQ7
A16
CE# DQ8 DQ10 DQ12 DQ14 VDDQ
OE# DQ9 DQ11 VDD DQ13 DQ15
VSS DQ1 DQ3 DQ4 DQ6 VSS
SST39VF800Q
343 ILL2a.2
A
B
C
D
E
F
1
2
3
4
5
6
7
8
TOP
VIEW
A3
A7
NC
WE#
A9
A13
A4
A17
NC
NC
A8
A12
A2
A6
A18
NC
A10
A14
A1
A5
NC
NC
A11
A15
A0
DQ0
DQ2
DQ5
DQ7
A16
CE# DQ8 DQ10 DQ12 DQ14
NC
OE# DQ9 DQ11 VDD DQ13 DQ15
VSS DQ1 DQ3 DQ4 DQ6 VSS
SST39VF800
Y-Decoder
I/O Buffers and Data Latches
343 ILL B1.0
Address Buffer & Latches
X-Decoder
DQ15 - DQ0
A18 - A0
OE#
CE#
WE#
8,388,608 bit
EEPROM
Cell Array
Control Logic
VDDQ


유사한 부품 번호 - SST39VF800-90-4I-BK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF800A SST-SST39VF800A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF800A SST-SST39VF800A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A MICROCHIP-SST39VF800A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

유사한 설명 - SST39VF800-90-4I-BK

제조업체부품명데이터시트상세설명
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Silicon Storage Technol...
SST39VF160Q SST-SST39VF160Q Datasheet
252Kb / 23P
   16 Megabit (1M x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
Silicon Storage Technol...
39SF020 SST-39SF020 Datasheet
231Kb / 23P
   2 Megabit (256K x 8) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com