전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75347E 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC75347E
상세설명  Six-Channel Single-Chip Electronic Volume Control System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75347E 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC75347E Datasheet HTML 1Page - Sanyo Semicon Device LC75347E Datasheet HTML 2Page - Sanyo Semicon Device LC75347E Datasheet HTML 3Page - Sanyo Semicon Device LC75347E Datasheet HTML 4Page - Sanyo Semicon Device LC75347E Datasheet HTML 5Page - Sanyo Semicon Device LC75347E Datasheet HTML 6Page - Sanyo Semicon Device LC75347E Datasheet HTML 7Page - Sanyo Semicon Device LC75347E Datasheet HTML 8Page - Sanyo Semicon Device LC75347E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Ordering number : ENN*7378
D1503TN (OT) No. 7378 -1/17
Overview
The LC75347E is a 6-channel 97-step electronic volume
control system IC that provides a 2-channel input selector,
bass and treble tone controls, external output ports, and a
zero-cross volume switching function.
Functions
• Volume: 0 to –95 dB (in 1 dB steps) and –
∞, for a total
of 97 positions.
Each of the six input channels can be controlled
independently.
• Bass and treble: Each band can be controlled over a
±12 dB range in 2 dB steps.
The bass control provides peaking characteristics and
the treble control provides shelving characteristics.
• Selector: 2-channel input selector
• Zero cross: Provides independent zero-cross detection
for each of the 6 channels and a timer overflow
detection circuit.
• External muting: Mute in/mute out function using zero-
cross detection and dedicated pins.
• External output ports: Provides 4 n-channel transistor
open-drain outputs.
Features
• Built-in buffer amplifiers reduce the number of external
components to a minimum.
• Fabricated in a silicon-gate CMOS process for minimal
noise generation from internal switches.
• Built-in analog ground reference voltage generator
circuit
• All settings are controlled by serial data transmitted over
a CCB interface.
Package Dimensions
unit: mm
3148A-QIP44M
10.0
13.2
0.2
0.35
0.8
(1.0)
1
44
Preliminary
SANYO: QIP44M
[LC75347E]
LC75347E
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Six-Channel Single-Chip Electronic Volume
Control System
CMOS LSI
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


유사한 부품 번호 - LC75347E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
More results

유사한 설명 - LC75347E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com