전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CW36-1Q000 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMP-CW36-1Q000
상세설명  T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CW36-1Q000 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-CW36-1Q000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 4. Chromaticity shift vs. Current
*Note: (x,y) values @ 20mA reference to (0,0)
Electrical/Optical Characteristics TA = 25oC
Parameters
Symbol
Min
Typ
Max
Units
Test Condition
Forward voltage
VF
3.2
4.0
V
IF = 20 mA
Reverse Voltage [1]
VR
5.0
V
IR = 10
µA
Thermal resistance
R
θ
J-PIN
240
oC/W
LED Junction to anode lead
Chromaticity Coordinates [2]
X
Y
0.31
0.31
IF = 20 mA
Capacitance
C
70
VF=0, f=1MHz
Notes:
1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA
2. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device.
Figure 1. Relative Intensity vs. Wavelength
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
WAVELENGTH - nm
Figure 2. Forward Current vs. Ambient
Temperature
Figure 3. Relative Intensity versus DC
Forward Current
Figure 5. Forward Current vs. Forward
Voltage
0
5
10
15
20
25
30
35
020
40
60
80
100
AMBIENT TEMPERATURE - ˚C
R
θJ-A = 585˚C/W
R
θJ-A = 780˚C/W
0
0.3
0.6
0.9
1.2
1.5
010
20
30
FORWARD CURRENT - mA
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
-0.005
0.000
0.005
0.010
0.015
X-COORDINATES
30mA
20mA
10mA
5mA
1mA
0
5
10
15
20
25
30
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
VF - FORWARD VOLTAGE - VOLTS


유사한 부품 번호 - HLMP-CW36-1Q000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW30 AVAGO-HLMP-CW30 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-PS0XX AVAGO-HLMP-CW30-PS0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-RU0XX AVAGO-HLMP-CW30-RU0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-STBXX AVAGO-HLMP-CW30-STBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-SV0XX AVAGO-HLMP-CW30-SV0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results

유사한 설명 - HLMP-CW36-1Q000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com