전자부품 데이터시트 검색엔진 |
|
TS79M09 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd |
|
TS79M09 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd |
5 / 7 page TS79M00 series 5-7 2003/12 rev. A TS79M18 Electrical Characteristics (Vin= -27V, Iout=350mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 17.30 - 18 - 18.72 Output Voltage Vout -21V ≤Vin≤ -33V, 5mA ≤Iout≤350mA, PD ≤5W - 17.14 - 18 - 18.90 V Line Regulation REGline Tj=25 oC -21V ≤Vin≤ -33V, Io=200mA -- 8 50 mV 5mA ≤Iout≤500mA -- 25 360 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤200mA -- 10 180 Quiescent Current Iq Tj=25 oC, Iout=0 -- 5 8 -21V ≤Vin≤ -33V -- -- 0.5 Quiescent Current Change ∆Iq 5mA ≤Iout≤350nA -- -- 0.5 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 110 -- uV Ripple Rejection Ratio RR f=120Hz, -21V ≤Vin≤ -31V 54 60 -- dB Voltage Drop Vdrop Iout=350mA, Tj=25 oC -- 2 -- V Peak Output Current Io peak Tj=25 oC -- 0.7 -- A Temperature Coefficient of Output Voltage ∆Vout/ ∆Tj Iout=5mA, 0 oC≤Tj≤125 oC -- -1.0 -- mV/ oC TS79M24 Electrical Characteristics (Vin=- 33V, Iout=350mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 23.07 - 24 - 24.96 Output Voltage Vout -27V ≤Vin≤ -38V, 5mA ≤Iout≤350mA, PD ≤5W - 22.85 - 24 - 25.20 V Line Regulation REGline Tj=25 oC -27V ≤Vin≤ -38V, Io=200mA -- 10 50 mV 5mA ≤Iout≤500mA -- 30 480 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤200mA -- 10 240 Quiescent Current Iq Iout=0, Tj=25 oC -- 5 9 -27V ≤Vin≤ -38V -- -- 0.5 Quiescent Current Change ∆Iq 5mA ≤Iout≤350mA -- -- 0.5 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 170 -- uV Ripple Rejection Ratio RR f=120Hz, -27V ≤Vin≤ -37V 50 60 -- dB Voltage Drop Vdrop Iout=350mA, Tj=25 oC -- 2 -- V Peak Output Current Io peak Tj=25 oC -- 0.7 -- A Temperature Coefficient of Output Voltage ∆Vout/ ∆Tj Iout=5mA, 0 oC≤Tj≤125 oC -- -1.0 -- mV/ oC Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |
유사한 부품 번호 - TS79M09 |
|
유사한 설명 - TS79M09 |