전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD1500SOT89 데이터시트(PDF) 8 Page - Filtronic Compound Semiconductors

부품명 FPD1500SOT89
상세설명  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500SOT89 데이터시트(HTML) 8 Page - Filtronic Compound Semiconductors

Back Button FPD1500SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 10Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 11Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FPD1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
TYPICAL I-V CHARACTERISTICS
Note: The recommended method for measuring IDSS, or any particular IDS, is to set the Drain-Source
voltage (VDS) at 1.3V. This measurement point avoids the onset of spurious self-oscillation which
would normally distort the current measurement (this effect has been filtered from the I-V curves
presented above). Setting the VDS > 1.3V will generally cause errors in the current measurements,
even in stabilized circuits.
Recommendation: Traditionally a device’s IDSS rating (IDS at VGS = 0V) was used as a predictor of
RF power, and for MESFETs there is a correlation between IDSS and P1dB (power at 1dB gain
compression). For pHEMTs it can be shown that there is no meaningful statistical correlation
between IDSS and P1dB; specifically a linear regression analysis shows r
2 < 0.7, and the regression
fails the F-statistic test. IDSS is sometimes useful as a guide to circuit tuning, since the S22 does vary
with the quiescent operating point IDS.
DC IV Curves FPD1500SOT89
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Drain-Source Voltage (V)
VG=-1.5V
VG-1.25V
VG=-1.00V
VG=-0.75V
VG=-0.5V
VG=-0.25V
VG=0V
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised11/11/05
Fax: +1 408 850-5766
Email: sales@filcsi.com


유사한 부품 번호 - FPD1500SOT89

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89CE FILTRONIC-FPD1500SOT89CE Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89E FILTRONIC-FPD1500SOT89E Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

유사한 설명 - FPD1500SOT89

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
233Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD2250DFN FILTRONIC-FPD2250DFN Datasheet
236Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD750DFN FILTRONIC-FPD750DFN Datasheet
244Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com