전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV800DB-70 데이터시트(PDF) 4 Page - Advanced Micro Devices

부품명 AM29LV800DB-70
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DB-70 데이터시트(HTML) 4 Page - Advanced Micro Devices

  AM29LV800DB-70 Datasheet HTML 1Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 2Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 3Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 4Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 5Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 6Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 7Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 8Page - Advanced Micro Devices AM29LV800DB-70 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
2Am29LV800D
Am29LV800D_00_A4_E January 21, 2005
PR EL IM IN A R Y
General Description
The Am29LV800D is an 8 Mbit, 3.0 volt-only
Flash memory organized as 1,048,576 bytes or
524,288 words. The device is offered in 48-ball
FBGA, 44-pin SO, and 48-pin TSOP packages.
For more information, refer to publication
number 21536. The word-wide data (x16)
appears on DQ15–DQ0; the byte-wide (x8) data
appears on DQ7–DQ0. This device requires only
a single, 3.0 volt VCC supply to perform read,
program, and erase operations. A standard
EPROM programmer can also be used to program
and erase the device.
This device is manufactured using AMD’s 0.23
µm process technology, and offers all the fea-
tures and benefits of the Am29LV800B, which
was manufactured using 0.32 µm process tech-
nology.
The standard device offers access times of 70,
90, and 120 ns, allowing high speed micropro-
cessors to operate without wait states. To elim-
inate bus contention the device has separate
chip enable (CE#), write enable (WE#) and
output enable (OE#) controls.
The device requires only a single 3.0 volt
power supply for both read and write func-
tions. Internally generated and regulated volt-
ages are provided for the program and erase
operations.
The device is entirely command set compatible
with the JEDEC single-power-supply Flash
standard. Commands are written to the
command register using standard micropro-
cessor write timings. Register contents serve as
input to an internal state-machine that controls
the erase and programming circuitry. Write
cycles also internally latch addresses and data
needed for the programming and erase opera-
tions. Reading data out of the device is similar
to reading from other Flash or EPROM devices.
Device programming occurs by executing the
program command sequence. This initiates the
Embedded Program algorithm—an internal
algorithm that automatically times the program
pulse widths and verifies proper cell margin. The
Unlock Bypass mode facilitates faster pro-
gramming times by requiring only two write
cycles to program data instead of four.
Device erasure occurs by executing the erase
co mm a n d s e que n ce. T h is i n it ia t e s t h e
Embedded Erase algorithm—an internal algo-
rithm that automatically preprograms the array
(if it is not already programmed) before exe-
cuting the erase operation. During erase, the
device automatically times the erase pulse
widths and verifies proper cell margin.
The host system can detect whether a program
or erase operation is complete by observing the
RY/BY# pin, or by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a
program or erase cycle has been completed, the
device is ready to read array data or accept
another command.
The sector erase architecture allows memory
sectors to be erased and reprogrammed without
affecting the data contents of other sectors. The
device is fully erased when shipped from the
factory.
Hardware data protection measures include
a low VCC detector that automatically inhibits
write operations during power transitions. The
hardware sector protection feature disables
both program and erase operations in any com-
bination of the sectors of memory. This can be
achieved in-system or via programming equip-
ment.
The Erase Suspend feature enables the user to
put erase on hold for any period of time to read
data from, or program data to, any sector that
is not selected for erasure. True background
erase can thus be achieved.
The hardware RESET# pin terminates any
operation in progress and resets the internal
state machine to reading array data. The
RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the
device, enabling the system microprocessor to
read the boot-up firmware from the Flash
memory.
The device offers two power-saving features.
When addresses have been stable for a specified
amount of time, the device enters the auto-
matic sleep mode. The system can also place
the device into the standby mode. Power con-
sumption is greatly reduced in both these
modes.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce
the highest levels of quality, reliability and cost
effectiveness. The device electrically erases
all bits within a sector simultaneously via
Fowler-Nordheim tunneling. The data is pro-
grammed using hot electron injection.


유사한 부품 번호 - AM29LV800DB-70

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV800DB120EC SPANSION-AM29LV800DB120EC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120ED SPANSION-AM29LV800DB120ED Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EF SPANSION-AM29LV800DB120EF Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EI SPANSION-AM29LV800DB120EI Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120SC SPANSION-AM29LV800DB120SC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

유사한 설명 - AM29LV800DB-70

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com