전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3000-KS 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SI3000-KS
상세설명  VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SI3000-KS 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI3000-KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Si3000
Rev. 1.1
7
Figure 1. General Inputs Timing Diagram
Table 6. Switching Characteristics—General Inputs
(VA, VD = 5 V ±5% or 3.3 V ±10%, TA = 70°C for K-grade, CL = 20 pF)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
Cycle Time, MCLK
tmc
16.67
ns
MCLK Duty Cycle
tdty
40
50
60
%
Rise Time, MCLK
tr
——
5
ns
Fall Time, MCLK
tf
——
5
ns
RESET Pulse Width2
trl
250
ns
Notes:
1. All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are VIH = VD
0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
2. The minimum RESET pulse width is the greater of 5
µs or 10 MCLK cycle times.
MCLK
VIH
VIL
RESET
tf
tmc
trl
tr


유사한 부품 번호 - SI3000-KS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3000-C-FS SILABS-SI3000-C-FS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Silicon Laboratories
SI3000-C-GS SILABS-SI3000-C-GS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-GS SKYWORKS-SI3000-C-GS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results

유사한 설명 - SI3000-KS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com