전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IHP10T120 데이터시트(Datasheet) 6 Page - Infineon Technologies AG

부품명 IHP10T120
상세내용  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
PDF  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo 

 
 6 page
background image
IHP10T120
Soft Switching Series
Power Semiconductors
6
Rev. 2 Jun-04
0V
1V
2V
3V
4V
5V
6V
0A
5A
10A
15A
20A
15V
7V
9V
11V
13V
V
GE=17V
0V
1V
2V
3V
4V
5V
6V
0A
5A
10A
15A
20A
15V
7V
9V
11V
13V
V
GE=17V
VCE, COLLECTOR-EMITTER VOLTAGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 5. Typical output characteristic
(Tj = 25°C)
Figure 6. Typical output characteristic
(Tj = 150°C)
0V
2V
4V
6V
8V
10V
12V
0A
5A
10A
15A
20A
25°C
T
J=150°C
-50°C
0°C
50°C
100°C
0,0V
0,5V
1,0V
1,5V
2,0V
2,5V
3,0V
I
C=8A
I
C=15A
I
C=5A
I
C=2.5A
VGE, GATE-EMITTER VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 7. Typical transfer characteristic
(VCE=20V)
Figure 8. Typical collector-emitter
saturation voltage as a function of junction
temperature
(VGE = 15V)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IKP10N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKB06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IKP06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKP15N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW75N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW30N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKP04N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW15T120LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT FAST RECOVERY ANTI-PARALLEL EMCON HE DIODE 1 2 3 4 5 MoreInfineon Technologies AG
IKW50N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKA06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl