전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IHP10T120 데이터시트(PDF) 13 Page - Infineon Technologies AG

부품명 IHP10T120
상세설명  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHP10T120 데이터시트(HTML) 13 Page - Infineon Technologies AG

Back Button IHP10T120 Datasheet HTML 6Page - Infineon Technologies AG IHP10T120 Datasheet HTML 7Page - Infineon Technologies AG IHP10T120 Datasheet HTML 8Page - Infineon Technologies AG IHP10T120 Datasheet HTML 9Page - Infineon Technologies AG IHP10T120 Datasheet HTML 10Page - Infineon Technologies AG IHP10T120 Datasheet HTML 11Page - Infineon Technologies AG IHP10T120 Datasheet HTML 12Page - Infineon Technologies AG IHP10T120 Datasheet HTML 13Page - Infineon Technologies AG IHP10T120 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IHP10T120
Soft Switching Series
Power Semiconductors
13
Rev. 2 Jun-04
Figure A. Definition of switching times
Figure B. Definition of switching losses
I
rr m
90% I
rr m
10% I
rrm
di /dt
F
t
rr
I
F
i,v
t
Q
S
Q
F
t
S
t
F
V
R
di /dt
rr
Q=Q
Q
rr
S
F
+
t=t
t
rr
S
F
+
Figure C. Definition of diodes
switching characteristics
p(t)
12
n
T(t)
j
τ1
1
τ2
2
n
n
τ
TC
rr
r
r
r
r
Figure D. Thermal equivalent
circuit
Figure E. Dynamic test circuit
Leakage inductance Lσ =180nH
and Stray capacity Cσ =39pF.


유사한 부품 번호 - IHP10T120

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
376Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 Sept. 07
IHP10T120 INFINEON-IHP10T120 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
IHP10T120 INFINEON-IHP10T120_07 Datasheet
376Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 Sept. 07
More results

유사한 설명 - IHP10T120

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
logo
List of Unclassifed Man...
IKB06N60T ETC-IKB06N60T Datasheet
371Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com