전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8330DW36C-250I 데이터시트(PDF) 2 Page - GSI Technology

부품명 GS8330DW36C-250I
상세설명  Double Late Write SigmaRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8330DW36C-250I 데이터시트(HTML) 2 Page - GSI Technology

  GS8330DW36C-250I Datasheet HTML 1Page - GSI Technology GS8330DW36C-250I Datasheet HTML 2Page - GSI Technology GS8330DW36C-250I Datasheet HTML 3Page - GSI Technology GS8330DW36C-250I Datasheet HTML 4Page - GSI Technology GS8330DW36C-250I Datasheet HTML 5Page - GSI Technology GS8330DW36C-250I Datasheet HTML 6Page - GSI Technology GS8330DW36C-250I Datasheet HTML 7Page - GSI Technology GS8330DW36C-250I Datasheet HTML 8Page - GSI Technology GS8330DW36C-250I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Rev: 1.00 6/2003
2/30
© 2003, GSI Technology, Inc.
Specifications cited are design targets and are subject to change without notice. For latest documentation contact your GSI representative.
Preliminary
GS8330DW36/72C-250/200
SigmaRAM Pinouts
512K x 72 Common I/O—Top View
1234
56789
10
11
A
DQg
DQg
A
E2
A
ADV
A
E3
A
DQb
DQb
B
DQg
DQg
Bc
Bg
NC
W
ABb
Bf
DQb
DQb
C
DQg
DQg
Bh
Bd
NC
(144M)
E1
NC
Be
Ba
DQb
DQb
D
DQg
DQg
VSS
NC
NC
MCL
NC
NC
VSS
DQb
DQb
E
DQg
DQc
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQf
DQb
FDQc
DQc
VSS
VSS
VSS
ZQ
VSS
VSS
VSS
DQf
DQf
G
DQc
DQc
VDDQ
VDDQ
VDD
EP2
VDD
VDDQ
VDDQ
DQf
DQf
H
DQc
DQc
VSS
VSS
VSS
EP3
VSS
VSS
VSS
DQf
DQf
J
DQc
DQc
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQf
DQf
K
CQ2
CQ2
CK
NC
VSS
MCL
VSS
NC
NC
CQ1
CQ1
L
DQh
DQh
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQa
DQa
M
DQh
DQh
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQa
DQa
N
DQh
DQh
VDDQ
VDDQ
VDD
VDD
VDDQ
VDDQ
DQa
DQa
P
DQh
DQh
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQa
DQa
R
DQd
DQh
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQa
DQe
T
DQd
DQd
VSS
NC
NC
MCL
NC
NC
VSS
DQe
DQe
U
DQd
DQd
NC
A
NC
(72M)
A
A
A
NC
DQe
DQe
V
DQd
DQd
AAA
A1
AAA
DQe
DQe
W
DQd
DQd
TMS
TDI
A
A0
A
TDO
TCK
DQe
DQe
• 2002.06
11 x 19 Bump BGA—14 x 22 mm2 Body—1 mm Bump Pitch
Note:
Users of CMOS I/O SigmaRAMs may wish to connect “NC, VREF” and the “NC, CK” pins to VREF (i.e., VDDQ/2) to
allow alternate use of future HSTL I/O SigmaRAMs.


유사한 부품 번호 - GS8330DW36C-250I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-200 GSI-GS8330LW36C-200 Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-200I GSI-GS8330LW36C-200I Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-250 GSI-GS8330LW36C-250 Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-250I GSI-GS8330LW36C-250I Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results

유사한 설명 - GS8330DW36C-250I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
Samsung semiconductor
K7Z167288B SAMSUNG-K7Z167288B Datasheet
240Kb / 20P
   512Kx36 & 256Kx72 DLW(Double Late Write) RAM
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com