전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJW21192 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MJW21192
상세설명  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21192 데이터시트(HTML) 1 Page - ON Semiconductor

  MJW21192 Datasheet HTML 1Page - ON Semiconductor MJW21192 Datasheet HTML 2Page - ON Semiconductor MJW21192 Datasheet HTML 3Page - ON Semiconductor MJW21192 Datasheet HTML 4Page - ON Semiconductor MJW21192 Datasheet HTML 5Page - ON Semiconductor MJW21192 Datasheet HTML 6Page - ON Semiconductor MJW21192 Datasheet HTML 7Page - ON Semiconductor MJW21192 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
Specifically designed for power audio output, or high power drivers in audio
amplifiers.
• DC Current Gain Specified up to 8.0 Amperes at Temperature
• All On Characteristics at Temperature
• High SOA: 20 A, 18 V, 100 ms
• TO–247AE Package
MAXIMUM RATINGS
Rating
Symbol
MJW21191
MJW21192
Unit
Collector–Emitter Voltage
VCEO
150
Vdc
Collector–Base Voltage
VCB
150
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
— Peak
IC
8.0
16
Adc
Base Current
IB
2.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
100
0.65
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.65
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
50
_C/W
1.0
Figure 1. Typical Capacitance @ 25
°C
VR, REVERSE VOLTAGE (V)
1.0
10
100
1000
100
1000
10
NPN
PNP
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJW21192/D
© Motorola, Inc. 1997
MJW21192
MJW21191
8.0 AMPERES
POWER TRANSISTORS
COMPLEMENTARY
SILICON
150 VOLTS
100 WATTS
NPN
PNP
CASE 340K–01
TO–247AE


유사한 부품 번호 - MJW21192

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJW21192 ISC-MJW21192 Datasheet
242Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - MJW21192

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com