전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I2040AG-08-TR 데이터시트(PDF) 4 Page - Alliance Semiconductor Corporation

부품명 I2040AG-08-TR
상세설명  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040AG-08-TR 데이터시트(HTML) 4 Page - Alliance Semiconductor Corporation

  I2040AG-08-TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040AG-08-TR Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
October 2005
P2040A
rev 1.2
LCD Panel EMI Reduction IC
4 of 9
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
The Modulation Selection Table defines the possible spread spectrum options. The optimal setting should minimize system
EMI to the fullest without affecting system performance. The spreading is described as a percentage deviation of the center
frequency. (Note: The center frequency is the frequency of the external reference input on CLKIN, pin1).
For example, P2040A is designed for high-resolution, flat panel applications and is able to support an XGA (1024 x 768) flat
panel operating at 65MHz (FIN) clock speed. A spreading selection of MRA=0, SR1=1 and SR0=0 provides a percentage
deviation of ±0.75% from FIN. This results in the frequency on ModOUT being swept from 64.51MHz to 65.49MHz at a
modulation rate of 56.24KHz. Refer Modulation Selection Table. The example in the following illustration is a common EMI
reduction method for a notebook LCD panel and has already been implemented by most of the leading OEM and mobile
graphic accelerator manufacturers.
Application Schematic for Mobile LCD Graphics Controllers
Modulated 65MHz signal with
±0.75 deviation and modulation
rate of 56.24KHz. This signal is
connected back to the spread
spectrum input pin (SSIN) of the
graphics accelerator.
1
2
3
4
CLKIN
MRA
SR1
VSS
SR0
5
6
7
8
SSON#
ModOUT
VDD
65MHz from graphics accelerator
+3.3V
0.1µF
P2040A
Digital control for the SS enable
or disable


유사한 부품 번호 - I2040AG-08-TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
I2040AG-08-TR PULSECORE-I2040AG-08-TR Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
More results

유사한 설명 - I2040AG-08-TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2040C ALSC-P2040C Datasheet
159Kb / 9P
   LCD Panel EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com