전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I2040CG-08TR 데이터시트(PDF) 3 Page - Alliance Semiconductor Corporation

부품명 I2040CG-08TR
상세설명  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040CG-08TR 데이터시트(HTML) 3 Page - Alliance Semiconductor Corporation

  I2040CG-08TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040CG-08TR Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
September 2005
P2040C
rev 1.4
LCD Panel EMI Reduction IC
3 of 9
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
Table 1 illustrates the possible spread spectrum options. The optimal setting should minimize system EMI to the fullest without
affecting system performance. The spreading is described as a percentage deviation of the center frequency
(Note: The center frequency is the frequency of the external reference input on CLKIN, Pin 1).
Example: P2040C is designed for high resolution flat panel applications and is able to support panel frequencies from 50MHz
to 170MHz. For a 65MHz pixel clock frequency, a spreading selection of MRA=0, SR1=1 and SR0 =1 provides a percentage
deviation of ±1.50% (see Table 1). This result in frequency on ModOUT being swept from 64.03MHz to 65.98MHz at a
modulation rate of 50.77KHz (see Table 1). This particular example (see Figure below) given here is a common EMI reduction
method for notebook LCD panel and has already been implemented by most of the leading OEM and mobile graphic
accelerator manufacturers.
Application Schematic for Mobile LCD Graphics Controllers
`
Modulated 65MHz signal with
±1.5 % deviation and modulation
rate of 50.77KHz. This signal is
connected back to the spread
spectrum input pin (SSIN) of the
graphics accelerator.
1
2
3
4
CLKIN
MRA
SR1
VSS
SR0
5
6
7
8
SSON#
ModOUT
VDD
65MHz from graphics accelerator
+3.3V
0.1µF
P2040C
Digital control for the SS enable
or disable


유사한 부품 번호 - I2040CG-08TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
I2040CG-08TR PULSECORE-I2040CG-08TR Datasheet
160Kb / 9P
   LCD Panel EMI Reduction IC
More results

유사한 설명 - I2040CG-08TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com