전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC157APG 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 74LVC157APG
상세설명  3.3V CMOS QUAD 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER, 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC157APG 데이터시트(HTML) 1 Page - Integrated Device Technology

  74LVC157APG Datasheet HTML 1Page - Integrated Device Technology 74LVC157APG Datasheet HTML 2Page - Integrated Device Technology 74LVC157APG Datasheet HTML 3Page - Integrated Device Technology 74LVC157APG Datasheet HTML 4Page - Integrated Device Technology 74LVC157APG Datasheet HTML 5Page - Integrated Device Technology 74LVC157APG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
EXTENDEDCOMMERCIALTEMPERATURERANGE
IDT74LVC157A
3.3V CMOS QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
FEBRUARY 2000
1999
Integrated Device Technology, Inc.
DSC-4721/-
c
IDT74LVC157A
EXTENDED COMMERCIAL TEMPERATURE RANGE
DESCRIPTION:
This quadruple 2-line to 1-line data selector/multiplexer is built using
advanced dual metal CMOS technology. The LVC157A features a common
strobe (
G) input. When the strobe is high, all outputs are low. When the
strobe is low, a 4-bit word is selected from one of two sources and is routed
to the four outputs. The device provides true data.
Inputs can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVC157A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
FUNCTIONAL BLOCK DIAGRAM
3.3V CMOS QUADRUPLE
2-LINE TO 1-LINE DATA
SELECTOR/MULTIPLEXER,
5 VOLT TOLERANT I/O
FEATURES:
0.5 MICRON CMOS Technology
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
1.27mm pitch SOIC, 0.635mm pitch QSOP,
0.65mm pitch SSOP, 0.65mm pitch TSSOP packages
Extended commercial range of – 40°C to +85°C
–VCC = 3.3V ±0.3V, Normal Range
–VCC = 2.3V to 3.6V, Extended Range
CMOS power levels (0.4µ W typ. static)
Rail-to-Rail output swing for increased noise margin
All inputs, outputs and I/O are 5 Volt tolerant
Supports hot insertion
Drive Features for LVC157A:
High Output Drivers: ±24mA
Reduced system switching noise
1Y
4
1A
2Y
7
3Y
9
4Y
12
1B
2A
2B
3A
3B
4A
4B
2
3
5
6
11
10
14
13
G
A/B
1
15
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems


유사한 부품 번호 - 74LVC157APG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC157APW PHILIPS-74LVC157APW Datasheet
111Kb / 17P
   Quad 2-input multiplexer
2003 Dec 02
logo
Nexperia B.V. All right...
74LVC157APW NEXPERIA-74LVC157APW Datasheet
254Kb / 15P
   Quad 2-input multiplexer
Rev. 10 - 20 September 2021
74LVC157APW-Q100 NEXPERIA-74LVC157APW-Q100 Datasheet
720Kb / 17P
   Quad 2-input multiplexer
logo
NXP Semiconductors
74LVC157APWDH PHILIPS-74LVC157APWDH Datasheet
111Kb / 17P
   Quad 2-input multiplexer
2003 Dec 02
More results

유사한 설명 - 74LVC157APG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Integrated Device Techn...
IDT74LVC138A IDT-IDT74LVC138A Datasheet
87Kb / 6P
   3.3V CMOS 3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH 5 VOLT TOLERANT I/O
logo
Texas Instruments
CD40257B TI1-CD40257B_14 Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com