전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-2450 데이터시트(PDF) 8 Page - Agilent(Hewlett-Packard)

부품명 HLMP-2450
상세설명  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-2450 데이터시트(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-2450 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-2450 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
High Performance Green HLMP-2500/2800/2965 Series
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2500/2800/2820
I
V
5
25
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2550/2835/2855/2870
11
50
mcd
Area[1]
2965[4]
25
50
mcd
2885
22
100
mcd
Peak Wavelength
λ
PEAK
565
nm
Dominant Wavelength[2]
λ
d
572
nm
Forward Voltage per LED
V
F
2.2
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
Notes:
1. These devices are categorized for luminous intensity. The intensity category is designated by a letter code on the side of the package.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the
device. Yellow and Green devices are categorized for dominant wavelength with the color bin designated by a number code on the side
of the package.
3. This is an HER/Yellow bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Yellow electrical/optical
characteristics are shown in the Yellow table.
4. This is an HER/Green bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Green electrical/optical
characteristics are shown in the Green table.
5. Does not apply to HLMP-2950 or HLMP-2965.


유사한 부품 번호 - HLMP-2450

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-2450 QT-HLMP-2450 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2450 AVAGO-HLMP-2450 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2450 AVAGO-HLMP-2450 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2450 EVERLIGHT-HLMP-2450 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2450 AVAGO-HLMP-2450 Datasheet
322Kb / 16P
   LED Light Bars
More results

유사한 설명 - HLMP-2450

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com