전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TPS65150 데이터시트(Datasheet) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS65150
상세내용  Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

 
 6 page
background image
www.ti.com
TPS65150
SLVS576 – SEPTEMBER 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
QFN
TSSOP
IN
14
11
I
Input of the Vcom buffer. If this pin is connected to GND, the Vcom buffer is disabled.
PGND
10, 11
7, 8
Power ground
REF
23
20
O
Internal reference output typically 1.213 V
Supply pin of the positive, negative charge pump and Boost Converter Gate Drive Circuit.
SUP
12
9
I/O
This pin needs to be connected to the output of the main boost converter and can’t be
connected to any other voltage rail.
SW
8, 9
5, 6
I
Switch pin of the boost converter
Positive output voltage to drive the TFT gates with an adjustable falltime. This pin is
VGH
18
15
O
internally connected with a MOSFET switch to the positive charge pump input CPI.
VIN
7
4
I
This is the input voltage pin of the device.
VCOM
13
10
O
VCOM buffer output. Typically a 1-µF output capacitor is required on this pin.
PowerPADTM,
exposed thermal
NA
NA
The PowerPADTM needs to be soldered to GND
die
6




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트



관련 부품명

부품명상세내용Html View제조사
THS73033-Channel Low Power Video Amplifier with I2C Control Selectable Filters 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
TC74VCX541FTLOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74LCX06Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74LVX240Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16240Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
TPS65100TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER 1 2 3 4 5 MoreTexas Instruments
74LCX541LOW VOLTAGE CMOS OCTAL BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
54VCXH162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE INV WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX16541LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS/OUTPUTS NON INVERTED 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl