전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS65150 데이터시트(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS65150
상세설명  Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS65150 데이터시트(HTML) 25 Page - Texas Instruments

Back Button TPS65150 Datasheet HTML 20Page - Texas Instruments TPS65150 Datasheet HTML 21Page - Texas Instruments TPS65150 Datasheet HTML 22Page - Texas Instruments TPS65150 Datasheet HTML 23Page - Texas Instruments TPS65150 Datasheet HTML 24Page - Texas Instruments TPS65150 Datasheet HTML 25Page - Texas Instruments TPS65150 Datasheet HTML 26Page - Texas Instruments TPS65150 Datasheet HTML 27Page - Texas Instruments TPS65150 Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPS65150PWP
ACTIVE
HTSSOP
PWP
24
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS65150PWPG4
ACTIVE
HTSSOP
PWP
24
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS65150PWPR
ACTIVE
HTSSOP
PWP
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS65150PWPRG4
ACTIVE
HTSSOP
PWP
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS65150RGER
ACTIVE
QFN
RGE
24
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Nov-2005
Addendum-Page 1


유사한 부품 번호 - TPS65150

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS65150-Q1 TI-TPS65150-Q1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI1-TPS65150PWP Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPG4 TI1-TPS65150PWPG4 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPR TI1-TPS65150PWPR Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPRG4 TI1-TPS65150PWPRG4 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
More results

유사한 설명 - TPS65150

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65146 TI-TPS65146 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
TPS65150 TI1-TPS65150_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65148 TI-TPS65148 Datasheet
1Mb / 30P
[Old version datasheet]   Compact TFT LCD Bias IC for Monitor with VCOM Buffer, Voltage Regulator for Gamma Buffer and Reset Function
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Global Mixed-mode Techn...
G1612 GMT-G1612 Datasheet
122Kb / 1P
   Programmable Vcom Buffer with NVM for TFT LCD
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
   Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com