전자부품 데이터시트 검색엔진 |
|
HLMP-CW11-VXBDD 데이터시트(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-CW11-VXBDD 데이터시트(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 6 page 2 Part Numbering System Package Dimensions Notes: 1. All dimensions are in millimeters /inches. 2. Epoxy meniscus may extend about 1mm (0.040") down the leads. 3. If heat-sinking application is required, the terminal for heat sink is anode. Package Dimension B Package Dimension A 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 2.35 (0.093) MAX. CATHODE FLAT Mechanical Option 00: Bulk DD: Ammo Pack Straight Leads Color Bin Options 0: Full color bin distribution B: Color bin 2 & 3 only Maximum Intensity Bin 0: No maximum intensity bin limit Others: Refer to Device Selection Guide Minimum Intensity Bin Refer to Device Selection Guide Viewing Angle and Standoff Option 11: 15˚ without standoff 12: 15˚ with standoff 26: 23˚ without standoff 27: 23˚ with standoff 36: 30˚ without standoff 37: 30˚ with standoff H L M P - -XX X X X XX CW DIMENSION H: 15°: 12.24 ± 0.25mm (0.482 ± 0.01 inches) 23°: 12.50 ± 0.25mm (0.492 ± 0.01 inches) 30°: 12.00 ± 0.25mm (0.472 ± 0.01 inches) 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD CATHODE FLAT 1.50 ± 0.15 (0.059 ± 0.006) DIMENSION H |
유사한 부품 번호 - HLMP-CW11-VXBDD |
|
유사한 설명 - HLMP-CW11-VXBDD |