전자부품 데이터시트 검색엔진 |
|
74AUP1G14GW 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
74AUP1G14GW 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 20 page 9397 750 14676 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 01 — 20 July 2005 6 of 20 Philips Semiconductors 74AUP1G14 Low-power Schmitt-trigger inverter Tamb = −40 °C to +85 °C VOH HIGH-state output voltage VI = VIH or VIL IO = −20 µA; VCC = 0.8 V to 3.6 V VCC − 0.1 - - V IO = −1.1 mA; VCC = 1.1 V 0.7 × V CC -- V IO = −1.7 mA; VCC = 1.4 V 1.03 - - V IO = −1.9 mA; VCC = 1.65 V 1.30 - - V IO = −2.3 mA; VCC = 2.3 V 1.97 - - V IO = −3.1 mA; VCC = 2.3 V 1.85 - - V IO = −2.7 mA; VCC = 3.0 V 2.67 - - V IO = −4.0 mA; VCC = 3.0 V 2.55 - - V VOL LOW-state output voltage VI = VIH or VIL IO = 20 µA; VCC = 0.8 V to 3.6 V - - 0.1 V IO = 1.1 mA; VCC = 1.1 V - - 0.3 × VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.37 V IO = 1.9 mA; VCC = 1.65 V - - 0.35 V IO = 2.3 mA; VCC = 2.3 V - - 0.33 V IO = 3.1 mA; VCC = 2.3 V - - 0.45 V IO = 2.7 mA; VCC = 3.0 V - - 0.33 V IO = 4.0 mA; VCC = 3.0 V - - 0.45 V ILI input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.5 µA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.5 µA ∆IOFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V -- ±0.6 µA ICC quiescent supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V - - 0.9 µA ∆ICC additional quiescent supply current VI = VCC − 0.6 V; IO = 0 A; VCC = 3.3 V -- 50 µA Tamb = −40 °C to +125 °C VOH HIGH-state output voltage VI = VIH or VIL IO = −20 µA; VCC = 0.8 V to 3.6 V VCC − 0.11 - - V IO = −1.1 mA; VCC = 1.1 V 0.6 × VCC -- V IO = −1.7 mA; VCC = 1.4 V 0.93 - - V IO = −1.9 mA; VCC = 1.65 V 1.17 - - V IO = −2.3 mA; VCC = 2.3 V 1.77 - - V IO = −3.1 mA; VCC = 2.3 V 1.67 - - V IO = −2.7 mA; VCC = 3.0 V 2.40 - - V IO = −4.0 mA; VCC = 3.0 V 2.30 - - V Table 8: Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
유사한 부품 번호 - 74AUP1G14GW |
|
유사한 설명 - 74AUP1G14GW |