전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-WL27 데이터시트(Datasheet) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMP-WL27
상세내용  High Intensity AlInGaP LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 4 page
background image
4
4
Figure 2. Forward Current vs.
Forward Voltage.
Figure 3. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Maximum Forward Current
vs. Ambient Temperature for 5 mm
Lamps. Derating Based on T JMAX =
130
°C.
Figure 5. Maximum Forward Current
vs. Ambient Temperature for 3 mm
Lamps. Derating Based on T JMAX =
110
°C.
Figure 1. Relative Intensity vs. Peak Wavelength.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
RED
1.0
0
VF – FORWARD VOLTAGE – V
2.5
40
30
1.5
2.0
60
3.0
10
20
50
AMBER
70
RED
0
0
IF – DC FORWARD CURRENT – mA
40
2.5
2.0
1.0
0.5
20
60
3.0
1.5
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585° C/W
R
θJA = 780° C/W
0
0
TA – AMBIENT TEMPERATURE – °C
30
80
30
20
10
20
50
90
R
θJA = 500° C/W
R
θJA = 660° C/W
10
40
60 70




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
HLMP-D101ADOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS 1 2 3 4 5 Fairchild Semiconductor
MVL-534SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-CX00T-13/4 5 mm T-1 3 mm High Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMA-VH00T-13/4 5 mm Wide Viewing Angle High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-544SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-DX05T-13/4 5 mm T-1 3 mm High Performance Tinted Diffused AlInGaP and TS AlGaAs Red LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-132XT-1 3 mm High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-331XT-13/4 5 mm High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-544UGT-1 3/4 f 5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl