전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-WL27 데이터시트(Datasheet) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-WL27
상세내용  High Intensity AlInGaP LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 3 page
background image
3
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
IF = 20 mA
Amber (
λ
d = 590 nm)
2.02
Red-Orange (
λ
d = 615 nm)
VF
1.94
2.4
V
Red (
λ
d = 626 nm)
1.90
Reverse Voltage
VR
520
V
IR = 100 µA
Peak Wavelength
Peak of Wavelength of
Amber
592
Spectral Distribution
Red-Orange
λ
PEAK
621
nm
at IF = 20 mA
Red
635
Spectral Halfwidth
∆λ
1/2
17
nm
Wavelength Width at
Spectral Distribution
1/2 Power point at
IF = 20 mA
Speed of Response
τ
s
20
ns
Exponential Time
Constant, e-t/τs
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
Θ
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Luminous Efficacy[5]
Emitted Luminous
Amber
500
Power/Emitted Radiant
Red-Orange
η
v
235
lm/W
Power
Red
155
Note:
1. The radiant intensity, Ie, in watts per steridian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in
candelas and
η
v is the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
Parameter
5 mm
3 mm
DC Forward Current
50 mA[1,3,4]
30 mA[2,3,4]
Peak Pulsed Forward Current [3,4]
70 mA
50 mA
Average Forward Current
30 mA
30 mA
Reverse Voltage (IR = 100 µA)
5 V
5 V
LED Junction Temperature
130
°C
110
°C
Operating Temperature
-40
°C to +100°C
-40
°C to +80°C
Storage Temperature
-40
°C to +120°C
-40
°C to +85°C
Dip/Drag Solder Temperature
260
°C for 5 seconds
Wave Solder Temperature
245
°C for 3 seconds
[1.59 mm (0.060 in.) below seating plane]
Notes:
1. Derate linearly as shown in Figure 4.
2. Derate linearly as shown in Figure 5.
3. For long term performance with minimal light output degradation, drive currents between 10 and 30 mA are recommended.
4. Please contact your Agilent sales representative about operating currents below 10 mA.




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
HLMP-D101ADOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS 1 2 3 4 5 Fairchild Semiconductor
MVL-534SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-CX00T-13/4 5 mm T-1 3 mm High Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMA-VH00T-13/4 5 mm Wide Viewing Angle High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-544SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-DX05T-13/4 5 mm T-1 3 mm High Performance Tinted Diffused AlInGaP and TS AlGaAs Red LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-132XT-1 3 mm High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-331XT-13/4 5 mm High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-544UGT-1 3/4 f 5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl