전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-WG27 데이터시트(Datasheet) 2 Page - Agilent(Hewlett-Packard)

부품명 HLMP-WG27
상세내용  High Intensity AlInGaP LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 2 page
background image
2
2
Technical Data
Amber
Red-Orange
Red
(
λ
d = 590 nm)
[1]
(
λ
d = 615 nm)
[1]
(
λ
d = 626 nm)
[1]
Minimum
Minimum
Minimum
Typical
Luminous
Luminous
Luminous
Package
Viewing
Part
Intensity
Part
Intensity
Part
Intensity
Drawing/
Angle, 2
θ
1/2
No.
Iv (mcd)[3,4],
No.
Iv (mcd)[3,4],
No.
Iv (mcd)[3,4],
Nominal
(Deg.)[2]
HLMP-
@ 20 mA
HLMP-
@ 20 mA
HLMP-
@ 20 mA
Epoxy
Diameter
15
WL12
450
WH12
270
WG12
270
clear
A/5 mm
30
WL27
205
WH27
155
WG27
155
clear
A/5 mm
65
WL02
35
WH02
35
WG02
26
tinted
A/5 mm
diffused[5]
60
NL06
96.2
NH04
90.2
NG07
90.2
clear
B/3 mm
Notes:
1. Dominant Wavelength,
λ
d, is derived from the CIE Chromaticity Diagram, and represents the color of the lamp.
2.
Θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
3. The luminous intensity is measured on the mechanical axis of the lamp package.
4. The optical axis is closely aligned with the package mechanical axis.
5. Tinting of amber lamps is yellow, red-orange lamps are tinted a reddish orange, and red lamps are tinted red.
Package Dimensions
2.35 (0.093)
MAX.
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
8.71 ± 0.20
(0.343 ± 0.008
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
CATHODE
FLAT
2.54 ± 0.38
(0.100 ± 0.015)
3.60
0.65 MAX.
0.44 ± 0.2
+ 0.1
– 0
0.4
2.54 ± 0.3
1.0 MIN.
23.0 MIN.
0.8 MAX.
(MENISCUS)
2.00
5.70 ± 0.5
3.10 ± 0.20
3.80 ± 0.30
3.35 ± 0.30
A
B




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
HLMP-D101ADOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS 1 2 3 4 5 Fairchild Semiconductor
MVL-534SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-CX00T-13/4 5 mm T-1 3 mm High Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMA-VH00T-13/4 5 mm Wide Viewing Angle High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-544SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
HLMA-DX05T-13/4 5 mm T-1 3 mm High Performance Tinted Diffused AlInGaP and TS AlGaAs Red LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-132XT-1 3 mm High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-331XT-13/4 5 mm High Intensity LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-544UGT-1 3/4 f 5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl