전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-WG02 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-WG02
상세설명  High Intensity AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-WG02 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-WG02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-WG02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-WG02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-WG02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-WG02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-WG02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-WG02 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
IF = 20 mA
Amber (
λ
d = 590 nm)
2.02
Red-Orange (
λ
d = 615 nm)
VF
1.94
2.4
V
Red (
λ
d = 626 nm)
1.90
Reverse Voltage
VR
520
V
IR = 100 µA
Peak Wavelength
Peak of Wavelength of
Amber
592
Spectral Distribution
Red-Orange
λ
PEAK
621
nm
at IF = 20 mA
Red
635
Spectral Halfwidth
∆λ
1/2
17
nm
Wavelength Width at
Spectral Distribution
1/2 Power point at
IF = 20 mA
Speed of Response
τ
s
20
ns
Exponential Time
Constant, e-t/τs
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
Θ
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Luminous Efficacy[5]
Emitted Luminous
Amber
500
Power/Emitted Radiant
Red-Orange
η
v
235
lm/W
Power
Red
155
Note:
1. The radiant intensity, Ie, in watts per steridian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in
candelas and
η
v is the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
Parameter
5 mm
3 mm
DC Forward Current
50 mA[1,3,4]
30 mA[2,3,4]
Peak Pulsed Forward Current [3,4]
70 mA
50 mA
Average Forward Current
30 mA
30 mA
Reverse Voltage (IR = 100 µA)
5 V
5 V
LED Junction Temperature
130
°C
110
°C
Operating Temperature
-40
°C to +100°C
-40
°C to +80°C
Storage Temperature
-40
°C to +120°C
-40
°C to +85°C
Dip/Drag Solder Temperature
260
°C for 5 seconds
Wave Solder Temperature
245
°C for 3 seconds
[1.59 mm (0.060 in.) below seating plane]
Notes:
1. Derate linearly as shown in Figure 4.
2. Derate linearly as shown in Figure 5.
3. For long term performance with minimal light output degradation, drive currents between 10 and 30 mA are recommended.
4. Please contact your Agilent sales representative about operating currents below 10 mA.


유사한 부품 번호 - HLMP-WG02

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

유사한 설명 - HLMP-WG02

제조업체부품명데이터시트상세설명
logo
Unity Opto Technology
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-324UOL UOT-MVL-324UOL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
   5.0mm HIGH INTENSITY LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com