전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9965HL 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA9965HL
상세설명  12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965HL 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA9965HL Datasheet HTML 1Page - NXP Semiconductors TDA9965HL Datasheet HTML 2Page - NXP Semiconductors TDA9965HL Datasheet HTML 3Page - NXP Semiconductors TDA9965HL Datasheet HTML 4Page - NXP Semiconductors TDA9965HL Datasheet HTML 5Page - NXP Semiconductors TDA9965HL Datasheet HTML 6Page - NXP Semiconductors TDA9965HL Datasheet HTML 7Page - NXP Semiconductors TDA9965HL Datasheet HTML 8Page - NXP Semiconductors TDA9965HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
FCE424
REGULATOR
12-BIT ADC
CLAMP
CLAMP
SERIAL
INTERFACE
OUTPUT
BUFFER
7
6
9
8
10
11
14
13
15
16
17
18
20
21
22
23
19
24
25
26
27
28
29
30
31
32
33
34
35
37
38
39
40
41
42
43
44
45
48
46
47
DGND2
AGND4
IN
SHD
SHP
CLPADC
CLPOB
CLKADC
DGND1
VCCD2
D8
D7
D6
VCCO2
OGND2
VCCO1
OGND1
D5
D4
D3
D2
REGEN
SEN
D1
D0
SCLK
SDATA
DEC
REF32
VRT
VRB
VCCA3
AGND3
ADCIN
Vref
VCCA1
VCCA2
AGND2
TDA9965
36
D9
D11
STDBY
VCCD1
D10
1
3
4
5
2
AGND5
AGND1
12
n.c.
STGE
PGAOUT
REF = 3.2 V
10
12
TRACK AND HOLD
CLOCK
4-BIT DAC
10-BIT DAC
PGA
INIT-ON-
POWER
Fig.1 Block diagram.


유사한 부품 번호 - TDA9965HL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965AHL PHILIPS-TDA9965AHL Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

유사한 설명 - TDA9965HL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com