전자부품 데이터시트 검색엔진 |
|
HLMP-3507-D00B1 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-3507-D00B1 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 11 page 4 Absolute Maximum Ratings at TA = 25°C Green/ Parameter HER/Orange Yellow Emerald Green Units Peak Forward Current 90 60 90 mA Average Forward Current[1] 25 20 25 mA DC Current[2] 30 20 30 mA Power Dissipation[3] 135 85 135 mW Reverse Voltage (IR = 100 µA) 5 5 5 V Transient Forward Current[4] 500 500 500 mA (10 µsec Pulse) LED Junction Temperature 110 110 110 °C Operating Temperature Range -55 to +100 -55 to +100 -20 to +100 °C Storage Temperature Range -55 to +100 Lead Soldering Temperature 260 °C for 5 seconds [1.6 mm (0.063 in.) from body] Notes: 1. See Figure 5 (Red/Orange), 10 (Yellow), or 15 (Green) to establish pulsed operating conditions. 2. For Red, Orange and Green series derate linearly from 50 °C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C. 3. 1.8 mW/ °C. For Yellow series derate power linearly from 50°C at 1.6 mW/°C. 4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings. Figure 1. Relative Intensity vs. Wavelength. ORANGE HIGH EFFICIENCY RED WAVELENGTH – nm 1.0 0.5 0 500 550 600 650 700 YELLOW EMERALD GREEN T = 25° C A GREEN |
유사한 부품 번호 - HLMP-3507-D00B1 |
|
유사한 설명 - HLMP-3507-D00B1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |