전자부품 데이터시트 검색엔진 |
|
HLMP-D105-MO000 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-D105-MO000 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 7 page Agilent T-13/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps Data Sheet HLMP-D101/D105, HLMP-K101/K105 Description These solid state LED lamps utilize newly developed double heterojunction (DH) AlGaAs/GaAs material technology. This LED material has outstanding light output efficiency over a wide range Features • Exceptional brightness • Wide viewing angle • Outstanding material efficiency • Low forward voltage • CMOS/MOS compatible • TTL compatible • Deep red color Applications • Bright ambient lighting conditions • Moving message panels • Portable equipment • General use of drive currents. The color is deep red at the dominant wavelength of 637 nanometres. These lamps may be DC or pulse driven to achieve desired light output. Package Dimensions AB C 1.14 (0.045) 0.51 (0.020) 3.43 (0.135) 2.92 (0.115) 24.1 (0.95) MIN. 4.70 (0.185) 4.19 (0.165) 3.17 (0.125) 2.67 (0.105) 2.79 (0.110) 2.29 (0.090) 1.52 (0.060) 1.02 (0.040) 6.35 (0.250) 5.58 (0.220) 0.55 (0.022) 0.40 (0.016) CATHODE ∅ 0.65 (0.026) MAX. SQ. TYP. SHOULDER CATHODE |
유사한 부품 번호 - HLMP-D105-MO000 |
|
유사한 설명 - HLMP-D105-MO000 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |