전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4934 데이터시트(PDF) 1 Page - Semikron International

부품명 1N4934
상세설명  Fast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIKRON [Semikron International]
홈페이지  http://www.semikron.com
Logo SEMIKRON - Semikron International

1N4934 데이터시트(HTML) 1 Page - Semikron International

  1N4934 Datasheet HTML 1Page - Semikron International 1N4934 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Fast silicon rectifier
diodes
1N 4933...1N 4937
Forward Current: 1 A
Reverse Voltage: 50 to 600 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
1N 4933...1N 4937
1
01-04-2004 SCT
© by SEMIKRON


유사한 부품 번호 - 1N4934

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
1N4934 MOTOROLA-1N4934 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4934 ETC2-1N4934 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
DIOTEC Electronics Corp...
1N4934 DEC-1N4934 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Dc Components
1N4934 DCCOM-1N4934 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
1N4934 YFWDIODE-1N4934 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results

유사한 설명 - 1N4934

제조업체부품명데이터시트상세설명
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
   Fast silicon rectifier diodes
FR3A SEMIKRON-FR3A Datasheet
120Kb / 2P
   Fast silicon rectifier diodes
FR5A SEMIKRON-FR5A Datasheet
152Kb / 2P
   Fast silicon rectifier diodes
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
BA157 SEMIKRON-BA157 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
BA3060 SEMIKRON-BA3060 Datasheet
129Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296 Datasheet
153Kb / 2P
   Fast silicon rectifier diodes
BY396 SEMIKRON-BY396 Datasheet
142Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296_06 Datasheet
156Kb / 2P
   Fast silicon rectifier diodes
SA261 SEMIKRON-SA261_07 Datasheet
123Kb / 2P
   Fast silicon rectifier diodes
FR3SMBA SEMIKRON-FR3SMBA Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com