전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-D105-MK002 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-D105-MK002
상세설명  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D105-MK002 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-D105-MK002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-D105-MK002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-D105-MK002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D105-MK002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D105-MK002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D105-MK002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D105-MK002 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
Value
Peak Forward Current[1,2]
300 mA
Average Forward Current[2]
20 mA
DC Current[3]
30 mA
Power Dissipation
87 mW
Reverse Voltage (IR = 100 µA)
5 V
Transient Forward Current (10
µs Pulse)[4]
500 mA
LED Junction Temperature
110
°C
Operating Temperature Range
-20 to +100
°C
Storage Temperature Range
-55 to +100
°C
Wave Soldering Temperature [1.59 mm (0.063 in.) from body]
250
°C for 3 seconds
Lead Solder Dipping Temperature [1.59 mm (0.063 in.) from body]
260
°C for 5 seconds
Notes:
1. Maximum IPEAK at f = 1 kHz, DF = 6.7%.
2. Refer to Figure 6 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 5.
4. The transient peak current is the maximum non-recurring peak current the device can withstand without damaging the LED die and wire bonds. It is
not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
Electrical/Optical Characteristics at TA = 25°C
Symbol
Description
Min.
Typ.
Max.
Unit
Test Condition
VF
Forward Voltage
1.8
2.2
V
IF = 20 mA
VR
Reverse Breakdown Voltage
5.0
15.0
V
IR = 100 µA
λ
p
Peak Wavelength
645
nm
Measurement at Peak
λ
d
Dominant Wavelength
637
nm
Note 1
∆λ1/2
Spectral Line Halfwidth
20
nm
τ
S
Speed of Response
30
ns
Exponential Time
Constant, e-t/TS
C
Capacitance
30
pF
VF = 0, f = 1 MHz
R
θ
J-PIN
Thermal Resistance
260[3]
°C/W
Junction to Cathode Lead
210[4]
290[5]
η
V
Luminous Efficacy
80
Im/W
Note 2
Notes:
1. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the color of the device.
2. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = lVV, where IV is the luminous intensity in candelas and ηV is
luminous efficacy in lumens/watt.
3. HLMP-D101.
4. HLMP-D105.
5. HLMP-K101/-K105.


유사한 부품 번호 - HLMP-D105-MK002

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
QT Optoelectronics
HLMP-D105A QT-HLMP-D105A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Fairchild Semiconductor
HLMP-D105A FAIRCHILD-HLMP-D105A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
More results

유사한 설명 - HLMP-D105-MK002

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com