전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3075MTCX 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3075MTCX
상세설명  High Efficiency, Synchronous Current Mode Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3075MTCX 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3075MTCX Datasheet HTML 7Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 8Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 9Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 10Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 11Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 12Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 13Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 14Page - National Semiconductor (TI) LM3075MTCX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Operating Descriptions (Continued)
CURRENT SENSING
The inductor current information is extracted by the current
sense pins CSH and CSL. As shown in Figure 1 and Figure
2, current sensing is accomplished by either sensing the V
ds
of the top FET, or sensing the voltage across a current sense
resistor connected from V
IN to the drain of the top FET. Both
approaches have advantages and disadvantages that need
to be weighed for each specific application. The advantage
of sensing current through the top FET is reduced parts
count, board space, and cost but it also has the disadvan-
tage of accuracy. Using a current sense resistor is the op-
posite, improving current sense accuracy but requiring addi-
tional parts, cost, and board space. The use of a current
sense resistor has the additional disadvantage of increasing
power loss and thus decreasing efficiency.
To ensure linear operation of the current amplifier, the cur-
rent sense voltage input should not exceed 200 mV. There-
fore, the R
dson of the top FET or the current sense resistor
must be calculated carefully to ensure that, when the top
FET is conducting the maximum current for that application,
the current sense voltage does not exceed 200 mV.
Assuming a maximum of 200 mV across the CSL/R
dson
resistor, the maximum allowable resistance can be calcu-
lated as follows:
Where I
MAX is the maximum expected load current, including
an overload multiplier (typically 120%), and
∆I
L is the induc-
tor ripple current.
Note that the above equation defines only the maximum
allowable value and not necessarily the recommended
value. As the resistance increases, so do the switching
losses.
CURRENT LIMITING
There is a leading edge blanking circuit that forces the top
FET to be on for at least 180 ns. Beyond this minimum on
time, the output of the PWM comparator is used to turn off
the top FET. With an external resistor connected between
the ILIM pin and the CSH pin the 10 µA current sink on the
ILIM pin produces a voltage across the resistor to serve as
the reference voltage for current limit. Adding a 10 nF ca-
pacitor across this resistor filters unwanted noise that could
improperly trip the current limit comparator. Current limit is
activated if the inductor current is too high causing the
voltage at the CSL pin to be lower than that of the ILIM pin,
toggling the comparator thus turning off the top FET imme-
diately. The comparator is disabled either when the top FET
is turned off or during the leading edge blanking time. The
equation for the current limit resistor, RLIM, is as follows:
NEGATIVE CURRENT LIMIT
The purpose of negative current limit is to ensure that the
inductor does not saturate during negative current flow caus-
ing excessive current to flow through the bottom FET. The
negative current limit is realized through sensing the bottom
FET V
ds. An internally generated 100mV (typical) reference
is used to compare with the bottom FET V
ds when it is on.
Upon sensing too high a V
ds, the bottom FET is turned off.
The negative current limit is only activated in force PWM
mode.
OVER VOLTAGE PROTECTION (OVP)
The LM3075 responds to over-voltage events by attempting
to recover without the need to restart the IC. There is a trip
point at approximately 111% (typical) of V
OUT that, once
reached, causes the circuit to shut off the HDRV FET and
turn on the LDRV FET immediately to drive the bottom FET
to discharge the output capacitor through the filter inductor.
The system stays in this configuration until the output falls
below approximately 108% (typical) of V
OUT. Once this lower
level has been reached, the system resumes operation in
either DCM or CCM. This scenario repeats until the cause of
the over-voltage condition is removed.
UNDER VOLTAGE PROTECTION
When an under-voltage event is detected by the LM3075
and the under-voltage protection (UVP) is in ready mode, the
IC attempts to restart the entire system. It does so by shut-
ting off both the LDRV and HDRV FETs until the soft-start
capacitor has discharged below a level of 60mV (typical). At
this point, the IC shuts off the UVP and restarts the system
as though it had just been powered up. The UVP is re-
engaged once the soft-start capacitor voltage reaches a
20162308
FIGURE 1. Current Sensing by Vds of the Top FET
20162309
FIGURE 2. Current Sensing by External Sense Resistor
www.national.com
11


유사한 부품 번호 - LM3075MTCX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM307 NSC-LM307 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
Linear Technology
LM307 LINER-LM307 Datasheet
388Kb / 6P
   Operational Amplifiers
logo
Texas Instruments
LM307 TI-LM307 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
LM307 INTERSIL-LM307 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Texas Instruments
LM307 TI1-LM307 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
More results

유사한 설명 - LM3075MTCX

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com