전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5020 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 SI5020
상세설명  SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SI5020 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI5020 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5020 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Si 50 20
6
Preliminary Rev. 0.8
Table 2. DC Characteristics
(VDD = 2.5 V ± 5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
OC-48 and FEC (2.7 GHz)
GigE
OC-12
OC-3
IDD
108
113
117
124
118
123
127
134
mA
Power Dissipation
OC-48 and FEC (2.7 GHz)
GigE
OC-12
OC-3
PD
270
283
293
310
310
323
333
352
mW
Common Mode Input Voltage (DIN, REFCLK)
VICM
varies with VDD
—.80*VDD
—V
Single Ended Input Voltage (DIN, REFCLK)
VIS
See Figure 2
100
750
mV
Differential Input Voltage Swing
(DIN, REFCLK)
VID
See Figure 2
200
1500
mV
(pk-pk)
Input Impedance (DIN, REFCLK)
RIN
Line-to-Line
84
100
116
Differential Output Voltage Swing
(DOUT)
VOD
100
Ω Load
Line-to-Line
TBD
940
TBD
mV
(pk-pk)
Differential Output Voltage Swing
(CLKOUT)
VOD
100
Ω Load
Line-to-Line
TBD
900
TBD
mV
(pk-pk)
Output Common Mode Voltage
(DOUT,CLKOUT)
VOCM
100
Ω Load
Line-to-Line
—VDD
0.20
—V
Output Impedance (DOUT,CLKOUT)
ROUT
Single-ended
84
100
116
Output Short to GND (DOUT,CLKOUT)
ISC(–)
—25
TBD
mA
Output Short to VDD (DOUT,CLKOUT)
ISC(+)
TBD
–15
mA
Input Voltage Low (LVTTL Inputs)
VIL
——
.8
V
Input Voltage High (LVTTL Inputs)
VIH
2.0
V
Input Low Current (LVTTL Inputs)
IIL
——
10
µA
Input High Current (LVTTL Inputs)
IIH
——
10
µA
Output Voltage Low (LVTTL Outputs)
VOL
IO = 2 mA
0.4
V
Output Voltage High (LVTTL Outputs)
VOH
IO = 2 mA
2.0
V
Input Impedance (LVTTL Inputs)
RIN
10
k
PWRDN/CAL Leakage Current
IPWRDN
VPWRDN ≥ 0.8 V
TBD
25
TBD
µA


유사한 부품 번호 - SI5020

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5020 SILABS-SI5020 Datasheet
1Mb / 24P
   Digital cross connects
SI5020-EVB SILABS-SI5020-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
SI5020C-BA SILABS-SI5020C-BA Datasheet
207Kb / 14P
   Si5020 MICRO PCB WITH S3050 FOOTPRINT
More results

유사한 설명 - SI5020

제조업체부품명데이터시트상세설명
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com