전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6021A4N 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6021A4N
상세설명  2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6021A4N 데이터시트(HTML) 1 Page - Texas Instruments

  TPA6021A4N Datasheet HTML 1Page - Texas Instruments TPA6021A4N Datasheet HTML 2Page - Texas Instruments TPA6021A4N Datasheet HTML 3Page - Texas Instruments TPA6021A4N Datasheet HTML 4Page - Texas Instruments TPA6021A4N Datasheet HTML 5Page - Texas Instruments TPA6021A4N Datasheet HTML 6Page - Texas Instruments TPA6021A4N Datasheet HTML 7Page - Texas Instruments TPA6021A4N Datasheet HTML 8Page - Texas Instruments TPA6021A4N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Volume [Pin 18] - V
DC VOLUME CONTROL
BTL Volume
PGND
ROUT-
PVDD
RIN+
RIN-
VDD
LIN-
LIN+
PVDD
LOUT-
1
ROUT+
SE/BTL
VOLUME
AGND
NC
BYPASS
FADE
SHUTDOWN
LOUT+
PGND
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
13
18
19
20
Ci
VDD
VDD
Right Positive
Differential Input Signal
Left Negative
Differential Input Signal
Right Negative
Differential Input Signal
Left Positive
Differential Input Signal
Ci
C
C
i
i
Power Supply
Power Supply
VDD
100 kW
100 kW
C
330 F
O
m
C
330 F
O
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
C
10 F
S
m
C
0.47 F
(BYP)
m
In From DAC
or
Potentiometer
(DC Voltage)
System
Control
Right
Speaker
Left
Speaker
Headphones
1 kW
1 kW
TPA6021A4
SLOS465 – JUNE 2005
2-W STEREO AUDIO POWER AMPLIFIER
WITH ADVANCED DC VOLUME CONTROL
2 W Into 4-
Ω Speakers With External Heatsink
The TPA6021A4 is a stereo audio power amplifier
that drives 2 W/channel of continuous RMS power
DC Volume Control With 2-dB
into a 4-
Ω load when utilizing a heat sink. Advanced
Steps from -40 dB to 20 dB
dc volume control minimizes external components
– Fade Mode
and allows BTL (speaker) volume control and SE
– -85-dB Mute Mode
(headphone) volume control.
Differential Inputs
The 20-pin DIP package allows for the use of a
1-µA Shutdown Current (Typical)
heatsink which provides higher output power.
Headphone Mode
To ensure a smooth transition between active and
shutdown modes, a fade mode ramps the volume up
and down.
LCD Monitors
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA6021A4N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2EVM TI-TPA6020A2EVM Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGW TI-TPA6020A2RGW Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGWR TI-TPA6020A2RGWR Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGWRG4 TI-TPA6020A2RGWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6021A4N

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com