|
| IN7406 |
|
||
|
INTEGRAL |
|
4 page
IN7406 4 INTEGRAL CHIP PAD DIAGRAM IZ7406 Pad size 0.140 x 0.140 mm (Pad size is given as per metallization layer) Thickness of chip 0,46 ±0,02 mm PAD LOCATION Pad No Symbol X Y 01 A1 0.090 0.380 02 Y1 0.090 0.090 03 A2 0.460 0.090 04 Y2 0.830 0.090 05 A3 1.220 0.090 06 Y3 1.220 0.380 07 GND 1.220 0.630 08 Y4 1.220 0.880 09 A4 1.220 1.170 10 Y5 0.830 1.170 11 A5 0.460 1.170 12 Y6 0.090 1.170 13 A6 0.090 0.880 14 VCC 0.090 0.630 09 08 12 11 10 07 1.45 0.03 ± 06 05 04 03 (0,0) 02 01 Chip marking ËÍ3 13 |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| SN5406 | HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| HD74LS06 | HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS | 1 2 3 4 5 More | Hitachi Semiconductor |
| SN54LS06 | HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| SN5405 | HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| SN5407 | HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| SN54LS07 | HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| DM74S05 | Hex Inverter with Open-Collector Outputs | 1 2 3 4 | Fairchild Semiconductor |
| IN7407 | Hex Buffers/Drivers with Open-Collector High-Voltage Outputs | 1 2 3 4 | Integral Corp. |
| SL74LS06 | Hex Inverted Buffers with Open-Collector Outputs | 1 2 3 | System Logic Semiconductor |
| 74AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 | Fairchild Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |