전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ74LV04 데이터시트(PDF) 1 Page - Integral Corp.

부품명 IZ74LV04
상세설명  HEX INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV04 데이터시트(HTML) 1 Page - Integral Corp.

  IZ74LV04 Datasheet HTML 1Page - Integral Corp. IZ74LV04 Datasheet HTML 2Page - Integral Corp. IZ74LV04 Datasheet HTML 3Page - Integral Corp. IZ74LV04 Datasheet HTML 4Page - Integral Corp. IZ74LV04 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74LV04
1
HEX INVERTER
The IN74LV04 is a low-voltage Si-gate CMOS device that is pin
and function compatible with 74HC/HCT04A.
The IN74LV04 provides six inverting buffers.
• Wide Operating Voltage: 1.0÷5.5 V
• Optimized for Low Voltage applications: 1.0÷3.6 V
• Accepts TTL input levels between VCC =2.7 V and VCC =3.6 V
• Low Input Current
ORDERING INFORMATION
IN74LV04N
Plastic
IN74LV04D
SOIC
IZ74LV04
Chip
TA = -40° ÷ 125° C for all
packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Input
Output
A
Y
L
H
H
L


유사한 부품 번호 - IZ74LV04

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ74LV00 INTEGRAL-IZ74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IZ74LV02 INTEGRAL-IZ74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IZ74LV08 INTEGRAL-IZ74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
More results

유사한 설명 - IZ74LV04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com