전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT16240 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74ALVT16240
상세설명  16-bit inverting buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
11 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
a. Input pulse definition
Test data is given in Table 10.
Definitions test circuit:
RL = Load resistor.
CL = Load capacitance includes jig and probe capacitance.
RT = Termination resistance should be equal to Zo of the pulse generator.
VEXT = Test voltage for switching times.
b. Test circuit
Fig 6.
Load circuitry for switching times
Table 10:
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPHZ, tPZH tPLZ, tPZL
tPLH, tPHL
3.0 V or VCC
whichever is
less
≤ 10 MHz 500 ns ≤ 2.5 ns 50 pF 500 Ω GND
6 V or 2
× VCC open
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tTHL(tf)
tTLH(tr)
tTLH(tr)
tTHL(tf)
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
PULSE
GENERATOR


유사한 부품 번호 - 74ALVT16240

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241DGG PHILIPS-74ALVT16241DGG Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241DL PHILIPS-74ALVT16241DL Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results

유사한 설명 - 74ALVT16240

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com