전자부품 데이터시트 검색엔진 |
|
74ALVT16240DGG 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
74ALVT16240DGG 데이터시트(HTML) 11 Page - NXP Semiconductors |
11 / 16 page 9397 750 15192 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 4 July 2005 11 of 16 Philips Semiconductors 74ALVT16240 16-bit inverting buffer/driver; 3-state a. Input pulse definition Test data is given in Table 10. Definitions test circuit: RL = Load resistor. CL = Load capacitance includes jig and probe capacitance. RT = Termination resistance should be equal to Zo of the pulse generator. VEXT = Test voltage for switching times. b. Test circuit Fig 6. Load circuitry for switching times Table 10: Test data Input Load VEXT VI fi tW tr, tf CL RL tPHZ, tPZH tPLZ, tPZL tPLH, tPHL 3.0 V or VCC whichever is less ≤ 10 MHz 500 ns ≤ 2.5 ns 50 pF 500 Ω GND 6 V or 2 × VCC open 001aac221 VM VM tW tW 10 % 90 % 90 % 0 V VI VI negative pulse positive pulse 0 V VM VM 90 % 10 % 10 % tTHL(tf) tTLH(tr) tTLH(tr) tTHL(tf) VEXT VCC VI VO mna616 DUT CL RT RL RL PULSE GENERATOR |
유사한 부품 번호 - 74ALVT16240DGG |
|
유사한 설명 - 74ALVT16240DGG |