전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-K105-ML0B1 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HLMP-K105-ML0B1
상세설명  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K105-ML0B1 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-K105-ML0B1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-K105-ML0B1 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Agilent
T-13/4 (5 mm), T-1 (3 mm),
High Intensity, Double Heterojunction
AlGaAs Red LED Lamps
Data Sheet
HLMP-D101/D105, HLMP-K101/K105
Description
These solid state LED lamps utilize
newly developed double
heterojunction (DH) AlGaAs/GaAs
material technology. This LED
material has outstanding light
output efficiency over a wide range
Features
• Exceptional brightness
• Wide viewing angle
• Outstanding material efficiency
• Low forward voltage
• CMOS/MOS compatible
• TTL compatible
• Deep red color
Applications
• Bright ambient lighting conditions
• Moving message panels
• Portable equipment
• General use
of drive currents. The color is
deep red at the dominant
wavelength of 637 nanometres.
These lamps may be DC or pulse
driven to achieve desired light
output.
Package Dimensions
AB
C
1.14 (0.045)
0.51 (0.020)
3.43 (0.135)
2.92 (0.115)
24.1
(0.95)
MIN.
4.70 (0.185)
4.19 (0.165)
3.17 (0.125)
2.67 (0.105)
2.79 (0.110)
2.29 (0.090)
1.52 (0.060)
1.02 (0.040)
6.35 (0.250)
5.58 (0.220)
0.55 (0.022)
0.40 (0.016)
CATHODE
0.65 (0.026) MAX.
SQ. TYP.
SHOULDER
CATHODE


유사한 부품 번호 - HLMP-K105-ML0B1

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-K105-MP4A QT-HLMP-K105-MP4A Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-K105-MP4B QT-HLMP-K105-MP4B Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

유사한 설명 - HLMP-K105-ML0B1

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com