전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6552DQ 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI6552DQ
상세설명  Dual N- and P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6552DQ 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI6552DQ Datasheet HTML 1Page - Vishay Siliconix SI6552DQ Datasheet HTML 2Page - Vishay Siliconix SI6552DQ Datasheet HTML 3Page - Vishay Siliconix SI6552DQ Datasheet HTML 4Page - Vishay Siliconix SI6552DQ Datasheet HTML 5Page - Vishay Siliconix SI6552DQ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si6552DQ
Vishay Siliconix
www.vishay.com
2-6
Document Number: 70175
S-03419—Rev. G, 03-Mar-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P−CHANNEL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00
0.04
0.08
0.12
0.16
0.20
02468
- 1.0
- 0.5
0.0
0.5
1.0
- 50
- 25
0
25
50
75
100
125
150
2
1
0.1
0.01
10-4
10-3
10-2
10-1
110
30
1
10
20
ID = 2.5 A
ID = 250 µA
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.001
0
0.1
20
25
5
10
15
110
30
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
TJ - Temperature (_C)
Time (sec)
TJ = 25_C
TJ = 150_C
0.01


유사한 부품 번호 - SI6552DQ

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
SI65 DELTA-SI65 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-100 DELTA-SI65-100 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-100K DELTA-SI65-100K Datasheet
215Kb / 1P
   SMT Power Inductor
SI65-101 DELTA-SI65-101 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-101K DELTA-SI65-101K Datasheet
215Kb / 1P
   SMT Power Inductor
More results

유사한 설명 - SI6552DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6542DQ VISHAY-SI6542DQ Datasheet
80Kb / 6P
   Dual N- and P-Channel 20-V (D-S) MOSFET
Rev. F, 01-May-00
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com