전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3843BVD 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 UC3843BVD
상세설명  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843BVD 데이터시트(HTML) 1 Page - ON Semiconductor

  UC3843BVD Datasheet HTML 1Page - ON Semiconductor UC3843BVD Datasheet HTML 2Page - ON Semiconductor UC3843BVD Datasheet HTML 3Page - ON Semiconductor UC3843BVD Datasheet HTML 4Page - ON Semiconductor UC3843BVD Datasheet HTML 5Page - ON Semiconductor UC3843BVD Datasheet HTML 6Page - ON Semiconductor UC3843BVD Datasheet HTML 7Page - ON Semiconductor UC3843BVD Datasheet HTML 8Page - ON Semiconductor UC3843BVD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2001
December, 2001 – Rev. 3
1
Publication Order Number:
UC3842B/D
UC3842B, UC3843B,
UC2842B, UC2843B,
NCV3843BV
High Performance
Current Mode Controllers
The UC3842B, UC3843B series are high performance fixed
frequency current mode controllers. They are specifically designed for
Off–Line and dc–to–dc converter applications offering the designer a
cost–effective solution with minimal external components. These
integrated circuits feature a trimmed oscillator for precise duty cycle
control, a temperature compensated reference, high gain error
amplifier, current sensing comparator, and a high current totem pole
output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle–by–cycle
current limiting, programmable output deadtime, and a latch for single
pulse metering.
These devices are available in an 8–pin dual–in–line and surface
mount (SO–8) plastic package as well as the 14–pin plastic surface
mount (SO–14). The SO–14 package has separate power and ground
pins for the totem pole output stage.
The UCX842B has UVLO thresholds of 16 V (on) and 10 V (off),
ideally suited for off–line converters. The UCX843B is tailored for
lower voltage applications having UVLO thresholds of 8.5 V (on) and
7.6 V (off).
Trimmed Oscillator for Precise Frequency Control
Oscillator Frequency Guaranteed at 250 kHz
Current Mode Operation to 500 kHz
Automatic Feed Forward Compensation
Latching PWM for Cycle–By–Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Figure 1. Simplified Block Diagram
5.0V
Reference
Latching
PWM
VCC
Undervoltage
Lockout
Oscillator
Error
Amplifier
7(12)
VC
7(11)
Output
6(10)
Power
Ground
5(8)
3(5)
Current
Sense
Input
Vref
8(14)
4(7)
2(3)
1(1)
Gnd
5(9)
RT/CT
Voltage
Feedback
Input
R
R
+
-
Vref
Undervoltage
Lockout
Output
Compensation
Pin numbers in parenthesis are for the D suffix SO-14 package.
VCC
http://onsemi.com
14
SO–14
D SUFFIX
CASE 751A
1
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 17 of this data sheet.
DEVICE MARKING INFORMATION
1
8
PDIP–8
N SUFFIX
CASE 626
PIN CONNECTIONS
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
Vref
NC
VCC
VC
Output
Gnd
Power Ground
VCC
Output
Gnd
(Top View)
8
7
6
5
1
2
3
4
1
2
3
4
14
13
12
11
5
6
7
10
9
8
(Top View)
SO–8
D1 SUFFIX
CASE 751
1
8


유사한 부품 번호 - UC3843BVD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3843BVD MOTOROLA-UC3843BVD Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3843BVD ONSEMI-UC3843BVD Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
logo
Motorola, Inc
UC3843BVD1 MOTOROLA-UC3843BVD1 Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3843BVD1 ONSEMI-UC3843BVD1 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
UC3843BVD1G ONSEMI-UC3843BVD1G Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
More results

유사한 설명 - UC3843BVD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com