전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-1401-EF0EE 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HLMP-1401-EF0EE
상세설명  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1401-EF0EE 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-1401-EF0EE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-1401-EF0EE Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Intensity Bin Limits, continued
Intensity Range (mcd)
Color
Bin
Min.
Max.
A
1.1
1.8
B
1.8
2.9
C
2.9
4.7
D
4.7
7.6
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
Green/
K
125.7
201.1
Emerald Green
L
201.1
289.0
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0
Maximum tolerance for each bin limit is
± 18%.


유사한 부품 번호 - HLMP-1401-EF0EE

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-1401 HP-HLMP-1401 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1401 AVAGO-HLMP-1401 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1401 BOARDCOM-HLMP-1401 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

유사한 설명 - HLMP-1401-EF0EE

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com