전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-4101-TP000 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HLMP-4101-TP000
상세설명  T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4101-TP000 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-4101-TP000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4101-TP000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4101-TP000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4101-TP000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4101-TP000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4101-TP000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HLMP-4100/4101
T-13/4 (5 mm)
Double Heterojunction AlGaAs
Very High Intensity Red LED Lamps
Data Sheet
Features
• 1000 mcd at 20 mA
• Very high intensity at low drive
currents
• Narrow viewing angle
• Outstanding material efficiency
• Low forward voltage
• CMOS/MOS compatible
• TTL compatible
• Deep red color
Applications
• Bright ambient lighting conditions
• Emitter/detector and signaling
applications
• General use
Description
These solid state LED lamps
utilize newly developed double
heterojunction (DH) AlGaAs/GaAs
material technology. This LED
material has outstanding light
output efficiency over a wide range
of drive currents. The lamp package
has a tapered lens designed to
concentrate the luminous flux
into a narrow radiation pattern to
achieve a very high intensity. The
LED color is deep red at the
dominant wavelength of 637
nanometers. These lamps may be
DC or pulse driven to achieve
desired light output.
Package Dimensions
6.10 (0.240)
5.59 (0.220)
2.54 (0.100)
NOMINAL
CATHODE
23.0 (0.90) MIN.
12.44 (0.490)
11.68 (0.460)
9.19 (0.362)
8.43 (0.332)
1.32 (0.052)
1.02 (0.040)
0.64 (0.025)
SQUARE
NOMINAL
0.89 (0.035)
0.64 (0.025)
1.27 (0.050) NOM.
5.08 (0.200)
4.57 (0.180)


유사한 부품 번호 - HLMP-4101-TP000

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-4101-ST0XX BOARDCOM-HLMP-4101-ST0XX Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
More results

유사한 설명 - HLMP-4101-TP000

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com