전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD95NH02L 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STD95NH02L
상세설명  N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95NH02L 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STD95NH02L Datasheet HTML 3Page - STMicroelectronics STD95NH02L Datasheet HTML 4Page - STMicroelectronics STD95NH02L Datasheet HTML 5Page - STMicroelectronics STD95NH02L Datasheet HTML 6Page - STMicroelectronics STD95NH02L Datasheet HTML 7Page - STMicroelectronics STD95NH02L Datasheet HTML 8Page - STMicroelectronics STD95NH02L Datasheet HTML 9Page - STMicroelectronics STD95NH02L Datasheet HTML 10Page - STMicroelectronics STD95NH02L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STD95NH02L
10/11
Table 8: Revision History
Date
Revision
Description of Changes
27-Aug-2004
1
First Release.
10-Sep-2004
2
Values changed in table 7


유사한 부품 번호 - STD95NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STD95NH02L-1 VBSEMI-STD95NH02L-1 Datasheet
974Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD95NH02LT4 STMICROELECTRONICS-STD95NH02LT4 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
More results

유사한 설명 - STD95NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
   N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
   N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
   N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
   N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET??POWER MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
   N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com